Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTZ244 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54LVTZ244
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVTZ244 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LVTZ244_16 Datasheet HTML 5Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 6Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 7Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 8Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 9Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 10Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 11Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 12Page - Texas Instruments SN54LVTZ244_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVTZ244DBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
SN74LVTZ244DWR
SOIC
DW
20
2000
330.0
24.4
10.8
13.0
2.7
12.0
24.0
Q1
SN74LVTZ244PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1


Similar Part No. - SN54LVTZ244_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTZ244 TI-SN54LVTZ244 Datasheet
119Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTZ244_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTT244 TI1-SN54LVTT244_11 Datasheet
151Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN54LVTZ240 TI1-SN54LVTZ240 Datasheet
505Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com