Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1406NSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1406NSR
Description  TRIPLE LOW-POWER DRIVERS/RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C1406NSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75C1406NSR Datasheet HTML 2Page - Texas Instruments SN75C1406NSR Datasheet HTML 3Page - Texas Instruments SN75C1406NSR Datasheet HTML 4Page - Texas Instruments SN75C1406NSR Datasheet HTML 5Page - Texas Instruments SN75C1406NSR Datasheet HTML 6Page - Texas Instruments SN75C1406NSR Datasheet HTML 7Page - Texas Instruments SN75C1406NSR Datasheet HTML 8Page - Texas Instruments SN75C1406NSR Datasheet HTML 9Page - Texas Instruments SN75C1406NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN65C1406, SN75C1406
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SLLS148E – MAY 1990 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 12 V, VSS = –12 V,
VCC = 5 V ± 10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input
threshold voltage
See Figure 5
1.7
2
2.55
V
VIT –
Negative-going input
threshold voltage
See Figure 5
0.65
1
1.25
V
Vhys
Input hysteresis voltage
(VIT +–VIT –)
600
1000
mV
VI = 0.75 V,
IOH = – 20 µA,
See Figure 5 and Note 5
3.5
VOH
High level output voltage
V
0 75 V
I
1A
VCC = 4.5 V
2.8
4.4
V
VOH
High-level output voltage
VI = 0.75 V,
See Figure 5
IOH = – 1 mA,
VCC = 5 V
3.8
4.9
V
See Figure 5
VCC = 5.5 V
4.3
5.4
VOL
Low-level output voltage
VI = 3 V,
IOL = 3.2 mA,
See Figure 5
0.17
0.4
V
IIH
High level input current
VI = 2.5 V
3.6
4.6
8.3
mA
IIH
High-level input current
VI = 3 V
0.43
0.55
1
mA
IIL
Low level input current
VI = – 2.5 V
–3.6
–5
–8.3
mA
IIL
Low-level input current
VI = – 3 V
–0.43
–0.55
–1
mA
IOS(H)
High-level short-circuit
VI = 0 75 V
VO =0
See Figure 4
8
15
mA
IOS(H)
g
output current
VI = 0.75 V,
VO = 0,
See Figure 4
–8
–15
mA
IOS(L)
Low-level short-circuit
VI =VCC
VO =VCC
See Figure 4
13
25
mA
IOS(L)
output current
VI = VCC,
VO = VCC,
See Figure 4
13
25
mA
ICC
Supply current from VCC
No load,
VDD = 5 V,
VSS = – 5 V
320
450
µA
ICC
Supply current from VCC
All inputs at 0 or 5 V
VDD = 12 V,
VSS = – 12 V
320
450
µA
† All typical values are at TA = 25°C.
NOTE 5: If the inputs are left unconnected, the receiver interprets this as an input low and the receiver outputs remain in the high state.
switching characteristics at TA = 25°C, VDD = 12 V, VSS = –12 V, VCC = 5 V ± 10% (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH Propagation delay time, low- to high-level output
CL = 50 pF,
See Figure 6
RL = 5 kΩ,
3
4
µs
tPHL Propagation delay time, high- to low-level output
CL = 50 pF,
See Figure 6
RL = 5 kΩ,
3
4
µs
tTLH
Transition time, low- to high-level output‡
CL = 50 pF,
See Figure 6
RL = 5 kΩ,
300
450
ns
tTHL
Transition time, high- to low-level output‡
CL = 50 pF,
See Figure 6
RL = 5 kΩ,
100
300
ns
tw(N) Duration of longest pulse rejected as noise§
CL = 50 pF,
RL = 5 kΩ
1
4
µs
‡ Measured between 10% and 90% points of output waveform
§ The receiver ignores any positive- or negative-going pulse that is less than the minimum value of tw(N) and accepts any positive- or negative-going
pulse greater than the maximum of tw(N).


Similar Part No. - SN75C1406NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406NSR TI-SN75C1406NSR Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406NSRE4 TI-SN75C1406NSRE4 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1406NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
   Triple Line Drivers/Receivers
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com