Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75124NSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75124NSR
Description  TRIPLE LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75124NSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75124NSR Datasheet HTML 2Page - Texas Instruments SN75124NSR Datasheet HTML 3Page - Texas Instruments SN75124NSR Datasheet HTML 4Page - Texas Instruments SN75124NSR Datasheet HTML 5Page - Texas Instruments SN75124NSR Datasheet HTML 6Page - Texas Instruments SN75124NSR Datasheet HTML 7Page - Texas Instruments SN75124NSR Datasheet HTML 8Page - Texas Instruments SN75124NSR Datasheet HTML 9Page - Texas Instruments SN75124NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN75124D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN75124N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
SN75124N
SN75124NSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
SN75124
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - SN75124NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75124N TI-SN75124N Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
More results

Similar Description - SN75124NSR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com