Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75128N Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75128N
Description  EIGHT-CHANNEL LINE RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75128N Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75128N Datasheet HTML 3Page - Texas Instruments SN75128N Datasheet HTML 4Page - Texas Instruments SN75128N Datasheet HTML 5Page - Texas Instruments SN75128N Datasheet HTML 6Page - Texas Instruments SN75128N Datasheet HTML 7Page - Texas Instruments SN75128N Datasheet HTML 8Page - Texas Instruments SN75128N Datasheet HTML 9Page - Texas Instruments SN75128N Datasheet HTML 10Page - Texas Instruments SN75128N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(9.3)
18X (1.27)
20X (0.6)
20X (2)
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
10
11
20
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X


Similar Part No. - SN75128N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
More results

Similar Description - SN75128N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
SN75ALS125 TI1-SN75ALS125 Datasheet
82Kb / 5P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75ALS127 TI-SN75ALS127 Datasheet
162Kb / 4P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75127 TI1-SN75127 Datasheet
109Kb / 7P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
logo
Bel Fuse Inc.
940-SP-3088R-W-B25 BEL-940-SP-3088R-W-B25 Datasheet
181Kb / 1P
   Eight Conductor, Eight Position Line Cord Module
940-SP-3088R-A190 BEL-940-SP-3088R-A190 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088-B25 BEL-940-SP-3088-B25 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088 BEL-940-SP-3088 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR, EIGHT POSITION LINE CORD MODULE
940-SP-3088-OB BEL-940-SP-3088-OB Datasheet
184Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-031 BEL-940-SP-3088R-031 Datasheet
154Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com