Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75130D Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75130D
Description  QUADRUPLE LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75130D Datasheet(HTML) 5 Page - Texas Instruments

  SN75130D Datasheet HTML 1Page - Texas Instruments SN75130D Datasheet HTML 2Page - Texas Instruments SN75130D Datasheet HTML 3Page - Texas Instruments SN75130D Datasheet HTML 4Page - Texas Instruments SN75130D Datasheet HTML 5Page - Texas Instruments SN75130D Datasheet HTML 6Page - Texas Instruments SN75130D Datasheet HTML 7Page - Texas Instruments SN75130D Datasheet HTML 8Page - Texas Instruments SN75130D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN75130
QUADRUPLE LINE DRIVER
SLLS077B – FEBRUARY 1990 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time,
40
ns
tPLH
gy
low- to high-level output
V
4 5Vt 5 5 V
V3 11 V
40
ns
tPHL
Propagation delay time,
A
Y
VCC = 4.5 V to 5.5 V,
CL =50 pF
VOH(ref) = 3.11 V,
RL =50 Ω
37
ns
tPHL
gy
high- to low-level output
A
Y
CL = 50 F,
Input f = 1 MHz,
RL = 50 Ω,
See Figures 1 and 2
37
ns
tPLH
Ratio of propagation
In ut f = 1 MHz,
See Figures 1 and 2
03
3
PLH
tPHL
g
delay times
0.3
3
tPLH
Propagation delay time,
V
5 25Vt 5 59V
V3 9 V
45
ns
tPLH
gy
low- to high-level output
A
Y
VCC = 5.25 V to 5.59 V,
CL =50 pF
VOH(ref) = 3.9 V,
RL =90 Ω
45
ns
tPHL
Propagation delay time,
A
Y
CL = 50 F,
Input f = 5 MHz,
RL = 90 Ω,
See Figures 1 and 2
45
ns
tPHL
gy
high- to low-level output
In ut f
5 MHz,
See Figures 1 and 2
45
ns
tPLH
Propagation delay time,
45
ns
tPLH
gy
low- to high-level output
A
W
VCC = 5 V,
RL = 2 kΩ,
45
ns
tPHL
Propagation delay time,
A
W
CC
CL = 15 pF,
L
See Figures 1 and 2
28
ns
tPHL
gy
high- to low-level output
28
ns
tPLH
Propagation delay time,
60
ns
tPLH
gy
low- to high-level output
A
F
VCC = 5 V,
RL = 2 kΩ,
60
ns
tPHL
Propagation delay time,
A
F
CC
CL = 15 pF,
L
See Figures 1 and 2
100
ns
tPHL
gy
,
high- to low-level output
100
ns


Similar Part No. - SN75130D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results

Similar Description - SN75130D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com