Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75140P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75140P
Description  DUAL LINE RECEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75140P Datasheet(HTML) 5 Page - Texas Instruments

  SN75140P Datasheet HTML 1Page - Texas Instruments SN75140P Datasheet HTML 2Page - Texas Instruments SN75140P Datasheet HTML 3Page - Texas Instruments SN75140P Datasheet HTML 4Page - Texas Instruments SN75140P Datasheet HTML 5Page - Texas Instruments SN75140P Datasheet HTML 6Page - Texas Instruments SN75140P Datasheet HTML 7Page - Texas Instruments SN75140P Datasheet HTML 8Page - Texas Instruments SN75140P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN75140
DUAL LINE RECEIVER
SLLS080C – JANUARY 1977 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Twisted-Pair Line
Strobe
Data Input
RT
1/2 SN75372
1/2 SN75140
Vref
5 V
OUT
Strobe
Figure 3. Line Receiver
N = 75†
N = 74
N = 2
N = 1
COMSTRB
SN75140
SN75140
† Although most series SN54/SN74 circuits have a >2.4-V output at 400
µA, they typically are capable of maintaining a >2.4-V output level under
a load of 7.5 mA.
Any Series
SN54/SN74
Logic
COMSTRB
1.5 V
1.5 V
Figure 4.
High Fanout From Standard TTL Gate


Similar Part No. - SN75140P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75140P TI-SN75140P Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140PS TI-SN75140PS Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
More results

Similar Description - SN75140P

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
Texas Instruments
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com