Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH4764BNP-3R9M Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH4764BNP-3R9M
Description  PIN Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH4764BNP-3R9M Datasheet(HTML) 3 Page - Sumida Corporation

  RCH4764BNP-3R9M Datasheet HTML 1Page - Sumida Corporation RCH4764BNP-3R9M Datasheet HTML 2Page - Sumida Corporation RCH4764BNP-3R9M Datasheet HTML 3Page - Sumida Corporation RCH4764BNP-3R9M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 12-Dec-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH4764B
0
150
300
450
600
750
900
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0
0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0
0.3
0.6
0.9
1.2
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
0.4
0.8
1.2
1.6
2
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
10
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. RCH4764BNP-1R5M
△T (℃)
L (
μH)
2. RCH4764BNP-2R7M
△T (℃)
L (
μH)
3. RCH4764BNP-3R9M
L (
μH)
DC (A)
5. RCH4764BNP-100M
△T (℃)
L (
μH)
6. RCH4764BNP-220M
7. RCH4764BNP-390M
△T (℃)
L (
μH)
8. RCH4764BNP-680M
△T (℃)
L (
μH)
DC (A)
4. RCH4764BNP-6R8M
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
9. RCH4764BNP-101K
△T (℃)
L (
μH)
DC (A)
DC (A)
L (20
℃)
△T
10. RCH4764BNP-271K
△T (℃)
L (
μH)
DC (A)
11. RCH4764BNP-391K
△T (℃)
L (
μH)
DC (A)
12. RCH4764BNP-681K
△T (℃)
L (
μH)
DC (A)


Similar Part No. - RCH4764BNP-3R9M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCH470 ETC1-RCH470 Datasheet
21Kb / 1P
   RCH Series Power Inductors
RCH471 ETC1-RCH471 Datasheet
21Kb / 1P
   RCH Series Power Inductors
RCH472 ETC1-RCH472 Datasheet
21Kb / 1P
   RCH Series Power Inductors
RCH473 ETC1-RCH473 Datasheet
21Kb / 1P
   RCH Series Power Inductors
More results

Similar Description - RCH4764BNP-3R9M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com