Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024-15P3I Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1024-15P3I
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024-15P3I Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

  P4C1024-15P3I Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024-15P3I Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
P4C1024
Page 8 of 14
Document # SRAM124 REV A
ORDERING INFORMATION
SELECTION GUIDE
The P4C1024 is available in the following temperature, speed and package options.
15
20
25
35
45
Plastic DIP (300 mil)
-15P3C
-20P3C
-25P3C
-35P3C
N/A
Plastic SOJ (300 mil)
-15J3C
-20J3C
-25J3C
-35J3C
N/A
Plastic SOJ (400 mil)
-15J4C
-20J4C
-25J4C
-35J4C
N/A
Plastic DIP (300 mil)
N/A
-20P3I
-25P3I
-35P3I
-45P3I
Plastic SOJ (300 mil)
N/A
-20J3I
-25J3I
-35J3I
-45J3I
Plastic SOJ (400 mil)
N/A
-20J4I
-25J4I
-35J4I
-45J4I
Ceramic DIP (600 mil)
N/A
-20C6M
-25C6M
-35C6M
-45C6M
Ceramic DIP (400 mil)
N/A
-20C4M
-25C4M
-35C4M
-45C4M
Solder Seal Flatpack
N/A
-20FSM
-25FSM
-35FSM
-45FSM
LCC (450 x 550 mil)
N/A
-20LM
-25LM
-35LM
-45LM
Ceramic SOJ
N/A
-20CJM
-25CJM
-35CJM
-45CJM
Ceramic DIP (600 mil)
N/A
-20C6MB
-25C6MB
-35C6MB
-45C6MB
Ceramic DIP (400 mil)
N/A
-20C4MB
-25C4MB
-35C4MB
-45C4MB
Solder Seal Flatpack
N/A
-20FSMB
-25FSMB
-35FSMB
-45FSMB
LCC (450 x 550 mil)
N/A
-20LMB
-25LMB
-35LMB
-45LMB
Ceramic SOJ
N/A
-20CJMB
-25CJMB
-35CJMB
-45CJMB
Military
Processed*
Commercial
Speed
Military
Temperature
Tempera ture
Range
Package
Industrial
* Military temperature range with MIL-STD-883, Class B compliance.
N/A = Not Available


Similar Part No. - P4C1024-15P3I

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWC PYRAMID-P4C1024L55CWC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWI PYRAMID-P4C1024L55CWI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PC PYRAMID-P4C1024L55PC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PI PYRAMID-P4C1024L55PI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P4C1024-15P3I

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com