Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH4764BNP-271K Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH4764BNP-271K
Description  PIN Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH4764BNP-271K Datasheet(HTML) 1 Page - Sumida Corporation

  RCH4764BNP-271K Datasheet HTML 1Page - Sumida Corporation RCH4764BNP-271K Datasheet HTML 2Page - Sumida Corporation RCH4764BNP-271K Datasheet HTML 3Page - Sumida Corporation RCH4764BNP-271K Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 12-Dec-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH4764B
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 5.0×5.0×6.5mm Max.
• Product weight: 0.5 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -20
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -20
℃~+85℃
Packaging
• Box packaging.
Applications
• Ideally used in Printers, LCD TV, DVD, Copy
Machine, Mainboard of the compounding
machines etc. as DC-DC Converter inductors.
RoHS
Dimension - [mm]
Connection - [mm]
2.
0.
5
5.
0
Ma
x.
6.5 Max.
2.7±0.5
0.7 Max.
0.
0.
1


Similar Part No. - RCH4764BNP-271K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCH470 ETC1-RCH470 Datasheet
21Kb / 1P
   RCH Series Power Inductors
RCH471 ETC1-RCH471 Datasheet
21Kb / 1P
   RCH Series Power Inductors
RCH472 ETC1-RCH472 Datasheet
21Kb / 1P
   RCH Series Power Inductors
RCH473 ETC1-RCH473 Datasheet
21Kb / 1P
   RCH Series Power Inductors
More results

Similar Description - RCH4764BNP-271K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com