Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75178BD Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75178BD
Description  DIFFERENTIAL BUS REPEATERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75178BD Datasheet(HTML) 1 Page - Texas Instruments

  SN75178BD Datasheet HTML 1Page - Texas Instruments SN75178BD Datasheet HTML 2Page - Texas Instruments SN75178BD Datasheet HTML 3Page - Texas Instruments SN75178BD Datasheet HTML 4Page - Texas Instruments SN75178BD Datasheet HTML 5Page - Texas Instruments SN75178BD Datasheet HTML 6Page - Texas Instruments SN75178BD Datasheet HTML 7Page - Texas Instruments SN75178BD Datasheet HTML 8Page - Texas Instruments SN75178BD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75177B, SN75178B
DIFFERENTIAL BUS REPEATERS
SLLS002C – D2606, JULY 1985 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Meets EIA Standards RS-422-A and RS-485
and CCITT Recommendations V.11 and X.27
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
3-State Outputs
Bus Voltage Range . . . –7 V to 12 V
Positive and Negative Current Limiting
Driver Output Capability . . . 60 mA Max
Driver Thermal Shutdown Protection
Receiver Input Impedance . . . 12 kΩ Min
Receiver Input Sensitivity . . . ±200 mV
Receiver Input Hysteresis . . . 50 mV Typ
Operates From Single 5-V Supply
Low Power Requirements
description
The SN75177B and SN75178B differential bus repeaters are monolithic integrated devices each designed for
one-way data communication on multipoint bus transmission lines. These devices are designed for balanced
transmission bus line applications and meet EIA Standard RS-422-A and RS-485 and CCITT
Recommendations V.11 and X.27. Each device is designed to improve the performance of the data
communication over long bus lines. The SN75177B and SN75178B are identical except for the complementary
enable inputs, which allow the devices to be used in pairs for bidirectional communication.
The SN75177B and SN75178B feature positive- and negative-current limiting 3-state outputs for the receiver
and driver. The receiver features high input impedance, input hysteresis for increased noise immunity, and input
sensitivity of
±200 mV over a common-mode input voltage range of –7 V to 12 V. The driver features thermal
shutdown for protection from line fault conditions. Thermal shutdown is designed to occur at a junction
temperature of approximately 150
°C. The driver is designed to drive current loads up to 60 mA maximum.
The SN75177B and SN75178B are designed for optimum performance when used on transmission buses
employing the SN75172 and SN75174 differential line drivers, SN75173 and SN75175 differential line
receivers, or SN75176B bus transceiver.
Function Tables
SN75177B
DIFFERENTIAL INPUTS
ENABLE
OUTPUTS
A – B
EN
T
Y
Z
VID ≥ 0.2 V
H
H
H
L
– 0.2 V
< VID < 0.2 V
H
?
??
VID ≤ 0.2 V
H
L
LH
X
L
Z
Z
Z
SN75178B
DIFFERENTIAL INPUTS
ENABLE
OUTPUTS
A – B
EN
T
Y
Z
VID ≥ 0.2 V
L
H
H
L
– 0.2 V
< VID < 0.2 V
L
?
??
VID ≤ 0.2 V
L
L
LH
X
H
Z
Z
Z
H = high level, L = low level, ? = indeterminate, X = irrelevant, Z = impedance (off)
1
2
3
4
8
7
6
5
VCC
T
EN
GND
A
B
Z
Y
SN75177B ...D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
T
EN
GND
A
B
Z
Y
SN75178B ...P PACKAGE
(TOP VIEW)
THE SN75177B IS NOT
RECOMMENDED FOR NEW DESIGN
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75178BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75178B TI-SN75178B Datasheet
165Kb / 11P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
SN75178BP TI-SN75178BP Datasheet
165Kb / 11P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
More results

Similar Description - SN75178BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75177B TI-SN75177B Datasheet
165Kb / 11P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com