Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75374 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75374 Datasheet(HTML) 1 Page - Texas Instruments

  SN75374_14 Datasheet HTML 1Page - Texas Instruments SN75374_14 Datasheet HTML 2Page - Texas Instruments SN75374_14 Datasheet HTML 3Page - Texas Instruments SN75374_14 Datasheet HTML 4Page - Texas Instruments SN75374_14 Datasheet HTML 5Page - Texas Instruments SN75374_14 Datasheet HTML 6Page - Texas Instruments SN75374_14 Datasheet HTML 7Page - Texas Instruments SN75374_14 Datasheet HTML 8Page - Texas Instruments SN75374_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028A − SEPTEMBER 1988 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Quadruple Circuits Capable of Driving
High-Capacitance Loads at High Speeds
D Output Supply Voltage Range From 5 V
to 24 V
D Low Standby Power Dissipation
D VCC3 Supply Maximizes Output Source
Voltage
description/ordering information
The SN75374 is a quadruple NAND interface
circuit designed to drive power MOSFETs from
TTL inputs. It provides the high current and
voltage necessary to drive large capacitive loads
at high speeds.
The outputs can be switched very close to the VCC2 supply rail when VCC3 is about 3 V higher than VCC2. VCC3
also can be tied directly to VCC2 when the source voltage requirements are lower.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
SN75374N
SN75374N
0
°C to 70°C
SOIC (D)
Tube of 40
SN75374D
SN75374
0 C to 70 C
SOIC (D)
Reel of 2500
SN75374DR
SN75374
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
logic diagram (positive logic)
4A
3A
2A
1A
14
11
6
3
2E2
13
2E1
12
1E2
1E1
5
4
2
7
10
15
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC2
1Y
1A
1E1
1E2
2A
2Y
GND
VCC1
4Y
4A
2E2
2E1
3A
3Y
VCC3
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75374_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374D TI-SN75374D Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374D TI-SN75374D Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DE4 TI-SN75374DE4 Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DR TI-SN75374DR Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DRE4 TI-SN75374DRE4 Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI-SN75374_06 Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com