Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL1602A1 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BL1602A1
Description  COG module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BL1602A1 Datasheet(HTML) 1 Page - Bolymin, Inc

  BL1602A1 Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BL1602A1
1. COG module
2. 5V power supply
3. 5x8 dots format display
4. Built-in controller: US2066
5. Color: white, yellow, green
6. Support MCU Interfaces :
○ 4 / 8-bit 6800/8080-series parallel interface
○ Serial Peripheral Interface
○ I²C Interface (Up to 400kbit/s)
7. 256-step contrast control
8. 3 sets of CGROM
(ROM A / B / C – hardware/software selectable)
9. Operating temperatures: -40°C to 85°C
68.5 x 17.5
56.22 x 11.52
0.57 x 0.67
2.97 x 5.57
Item
Symbol
Condi on
Value
Unit
Input Voltage
Vdd
Vdd =+ 5.0V 5.0(Typ.)
V
Supply Current
Idd
Vdd = +5.0V 300(Typ.)
uA
Life Time (Yellow)
150 cd/m2
50,000
hrs
Life Time (White)
150 cd/m2
25,000
hrs
Life Time (Green)
150 cd/m2
25,000
hrs
56.22 AA
58.22 VA
63.5 Polarizer
64.5±0.2
68.5±0.2
(5.0)
(4.0)
(102.3)
(10.0)
23.8±0.2
(32.8)
(15.0)
P0.7*(33-1)=22.4±0.05
22.0±0.1(Alignment hole)
W=0.4±0.03
10
5
CONTACT SIDE
CONTACT SIDE
Double side tape
(1.84)
(31.08)
Remove tape
t=0.15mm MAX
33
1
2.97
0.57
0.6
3.55
DOT SIZE
SCALE 3/1
2- 0.8±0.1
Pin
Symbol
I/O
Description
1
N.C
-
Reserved Pin
2
VSL
P
Voltage output Low Level for SEG Signal
3
VSS
P
Ground
4
REGVDD
I
5V I/O Regulator Configura on
5
SHLC
I
Scanning Direc on for COM Signal
6
SHLS
I
Mapping Direc on for SEG Signal
7
VDD
P
Power Supply for logic Circuit
8
VDDIO
P
Power Supply for Interface logic Level
9~11
BS0~2
I
Communica ng Protocol Selec on
12
GPIO
I/O General Purpose Input /Output
13
CS#
I
Chip Select
14
RES#
I
Power Reset for Controller and Driver
15
D/C#
I
Data/ Command Control
16
R/W#(WR#)
I
Read/ Write Select or Write
17
E(RD#)
I
Read /Write Enable or Read
18~25
D0~D7
I/O Host Data Input/ Output Bus
26
IREF
I
Current Reference for Brightness
Adjustment
27~28
ROM0~1
I
Built-in Character ROM Selec on
29~30
OPR0~1
I
Character ROM/RAM Management
31
VCOMH
P
Voltage Output High Level for COM signal
32
VCC
P
Power Supply for Panel
33
NC
-
Reserved Pin
Ultra wide temper
ature


Similar Part No. - BL1602A1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL1602A1 BOLYMIN-BL1602A1_17 Datasheet
233Kb / 1P
   COG module
More results

Similar Description - BL1602A1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL1602A1 BOLYMIN-BL1602A1_17 Datasheet
233Kb / 1P
   COG module
logo
Rohm
RCM2234R ROHM-RCM2234R Datasheet
122Kb / 9P
   20 characters x 2 lines COG module
RCM2090R ROHM-RCM2090R Datasheet
174Kb / 8P
   16 characters x 2 lines COG module
RCM2072R ROHM-RCM2072R Datasheet
177Kb / 9P
   20 characters X 2 lines COG module
RCM2122R ROHM-RCM2122R Datasheet
112Kb / 10P
   16 character 횞 1 line COG module
logo
Bolymin, Inc
BO9649A BOLYMIN-BO9649A_17 Datasheet
494Kb / 1P
   COG package
BO2002B BOLYMIN-BO2002B_17 Datasheet
496Kb / 1P
   COG package
logo
Rohm
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
logo
Newhaven Display Intern...
NHD-C12864HZ-FN-FBW NEWHAVEN-NHD-C12864HZ-FN-FBW Datasheet
715Kb / 8P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864AZ-FSY-YBW NEWHAVEN-NHD-C12864AZ-FSY-YBW Datasheet
599Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com