Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH110BNP-150M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH110BNP-150M
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH110BNP-150M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH110BNP-150M Datasheet HTML 1Page - Sumida Corporation RCH110BNP-150M Datasheet HTML 2Page - Sumida Corporation RCH110BNP-150M Datasheet HTML 3Page - Sumida Corporation RCH110BNP-150M Datasheet HTML 4Page - Sumida Corporation RCH110BNP-150M Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH110B
Electrical Characteristics
※1.Inductance measuring frequency at 1kHz.
※2.DC superposition current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3.Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.55
0.37
0.45
1.71(1.2)
1.0mH
± 10%
102K
RCH110BNP-102K
0.66
0.41
0.52
1.31(0.92)
820
μH ± 10%
821K
RCH110BNP-821K
0.69
0.45
0.54
1.10(0.81)
680
μH ± 10%
681K
RCH110BNP-681K
0.75
0.48
0.59
0.89(0.71)
560
μH ± 10%
561K
RCH110BNP-561K
0.89
0.50
0.67
0.65(0.52)
470
μH ± 10%
471K
RCH110BNP-471K
0.92
0.59
0.72
0.58(0.46)
390
μH ± 10%
391K
RCH110BNP-391K
1.0
0.61
0.78
0.46(0.37)
330
μH ± 10%
331K
RCH110BNP-331K
1.2
0.70
0.87
0.36(286
m)
270
μH ± 10%
271K
RCH110BNP-271K
1.3
0.79
0.99
0.31(242
m)
220
μH ± 10%
221K
RCH110BNP-221K
1.4
0.87
1.1
280
m(220m)
180
μH ± 10%
181K
RCH110BNP-181K
1.6
0.99
1.2
200
m(160m)
150
μH ± 10%
151K
RCH110BNP-151K
1.7
1.0
1.3
180
m(140m)
120
μH ± 10%
121K
RCH110BNP-121K
2.0
1.2
1.5
150
m(107m)
100
μH ± 10%
101K
RCH110BNP-101K
2.1
1.3
1.6
120
m(95m)
82
μH ± 10%
820K
RCH110BNP-820K
2.2
1.4
1.8
105
m(84m)
68
μH ± 10%
680K
RCH110BNP-680K
2.7
1.6
2.0
78
m(63m)
56
μH ± 10%
560K
RCH110BNP-560K
2.8
1.8
2.2
71
m(57m)
47
μH ± 10%
470K
RCH110BNP-470K
3.1
1.9
2.4
63
m(50m)
39
μH ± 10%
390K
RCH110BNP-390K
3.2
2.1
2.6
58
m(46m)
33
μH ± 10%
330K
RCH110BNP-330K
3.4
2.3
2.9
51
m(41m)
27
μH ± 20%
270M
RCH110BNP-270M
3.5
2.5
3.0
47
m(37m)
22
μH ± 20%
220M
RCH110BNP-220M
3.6
2.8
3.4
38
m(31m)
18
μH ± 20%
180M
RCH110BNP-180M
3.7
3.0
3.7
36
m(29m)
15
μH ± 20%
150M
RCH110BNP-150M
4.2
3.2
4.1
33
m(26m)
12
μH ± 20%
120M
RCH110BNP-120M
4.3
3.6
4.3
30
m(24m)
10
μH ± 20%
100M
RCH110BNP-100M
(at 105
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
(A)
※3
△T=40℃
DC SUPERPOSITION
CURRENT(A)
※2
D.C.R.
(
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NO.


Similar Part No. - RCH110BNP-150M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH110CNP-0R9M SUMIDA-RCH110CNP-0R9M Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH110CNP-1R5M SUMIDA-RCH110CNP-1R5M Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH110CNP-1R8M SUMIDA-RCH110CNP-1R8M Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH110CNP-2R2M SUMIDA-RCH110CNP-2R2M Datasheet
163Kb / 2P
   Power Inductor Pin Type:
More results

Similar Description - RCH110BNP-150M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com