Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75971B2DGG Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75971B2DGG
Description  SCSI DIFFERENTIAL CONVERTER-DATA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75971B2DGG Datasheet(HTML) 1 Page - Texas Instruments

  SN75971B2DGG Datasheet HTML 1Page - Texas Instruments SN75971B2DGG Datasheet HTML 2Page - Texas Instruments SN75971B2DGG Datasheet HTML 3Page - Texas Instruments SN75971B2DGG Datasheet HTML 4Page - Texas Instruments SN75971B2DGG Datasheet HTML 5Page - Texas Instruments SN75971B2DGG Datasheet HTML 6Page - Texas Instruments SN75971B2DGG Datasheet HTML 7Page - Texas Instruments SN75971B2DGG Datasheet HTML 8Page - Texas Instruments SN75971B2DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN75971B
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS322A – NOVEMBER 1999 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Provides High-Voltage Differential SCSI
From Single-Ended Controller When Used
With the SN75970B Control Transceiver
D Meets or Exceeds the Requirements of EIA
Standard RS-485 and ISO-8482 Standards
D ESD Protection on Bus Pins to 12 kV
D Packaged in Shrink Small-Outline Package
with 25 mil Terminal Pitch and Thin
Small-Package with 20 mil Terminal Pitch
D Low Disabled-Supply Current 32 mA Typ
D Thermal Shutdown Protection
D Positive- and Negative-Current Limiting
D Power-Up/-Down Glitch Protection
D Open-Circuit Failsafe Receivers
description
The SN75971B SCSI differential converter-data is a
9-channel RS-485 transceiver. When used in conjunc-
tion with its companion control transceiver, the
SN75970B, the resulting chip set provides the superior
electrical performance of differential SCSI from a
single-ended
SCSI
bus
or
controller.
A
16-bit
Ultra-SCSI (or Fast-20) SCSI bus can be implemented
with just three devices (two data and one control) in the
space efficient, 56-pin, shrink small-outline package
(SSOP) or thin shink small outline package (TSSOP)
and a few external components. An 8-bit SCSI bus
requires only one data and one control transceiver.
The SN75971B is available in a B2 (20 Mxfer)
version and a B1 (10 Mxfer) version.
In a typical differential SCSI node, the SCSI controller
provides an enable for each external RS-485
transceiver channel. This could require as many as 27
extra terminals for a 16-bit differential bus controller or relegate a 16-bit, single-ended controller to only an 8-bit
differential bus. Using the standard nine SCSIcontrol signals, the SN75970B control transceiver decodes the
state of the bus and enables the SN75971B data transceiver to transmit the single-ended SCSI input signals
(A side) differentially to the cable or receive the differential cable signals (B side) and drive the single-ended
outputs to the controller.
A reset function, which disables all outputs and clears internal latches, can be accomplished from two external
inputs and two internally-generated signals. RESET (reset) and DSENS (differential sense) are available to
external circuits for a bus reset or to disable all outputs should a single-ended cable be inadvertently connected
to a differential connector. Internally-generated power-up and thermal-shutdown signals have the same affect
when the supply voltage is below approximately 3.5 V or the junction temperature exceeds 175
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
SDB
DRVBUS
GND
ADBP –
NC
ADB7 –
NC
ADB6 –
NC
ADB5 –
NC
VCC
GND
GND
GND
GND
GND
VCC
ABD4 –
NC
ADB3 –
NC
ADB2 –
NC
ADB1 –
NC
ADB0 –
NC
DSENS
RESET
GND
BDBP –
BDBP +
BDB7 –
BDB7 +
BDB6 –
BDB6 +
BDB5 –
BDB5 +
VCC
GND
GND
GND
GND
GND
VCC
BDB4 –
BDB4 +
BDB3 –
BDB3 +
BDB2 –
BDB2 +
BDB1 –
BDB1 +
BDB0 –
BDB0 +
DGG OR DL PACKAGE
(TOP VIEW)
NC – No internal connection
Pins 13 – 17 and 40 – 44 are connected
together to the package lead frame and
to signal ground.


Similar Part No. - SN75971B2DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971BDGG TI-SN75971BDGG Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971BDL TI-SN75971BDL Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
More results

Similar Description - SN75971B2DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A_05 Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B TI1-SN75970B_16 Datasheet
324Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com