Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS737-125-682 Datasheet(PDF) 2 Page - Sumida Corporation

Part # AS737-125-682
Description  LF Transmitter Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS737-125-682 Datasheet(HTML) 2 Page - Sumida Corporation

  AS737-125-682 Datasheet HTML 1Page - Sumida Corporation AS737-125-682 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
Revised: 17-Aug-11
LF Transmitter Antenna
AS737
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
Tel.+49-8591-937-0
FAX. +49-8591-937-103
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
San Jose
Singapore
Seoul
Tokyo
For more information, please browse our website http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
Tel.+852-2880-6688
FAX.+852-2565-9600
Electrical Characteristics
4.7
Ω
2.1App
134.2
±1.0kHz
22nF
AS737-134-223
4.7
Ω
1.9App
134.2
±1.0kHz
15nF
AS737-134-153
4.7
Ω
1.8App
134.2
±1.0kHz
10nF
AS737-134-103
4.7
Ω
1.2App
134.2
±1.0kHz
6.8nF
AS737-134-682
4.7
Ω
1.1App
134.2
±1.0kHz
3.3nF
AS737-134-332
4.7
Ω
2.0App
125
±1.0kHz
22nF
AS737-125-223
4.7
Ω
1.8App
125
±1.0kHz
15nF
AS737-125-153
4.7
Ω
1.8App
125
±1.0kHz
10nF
AS737-125-103
4.7
Ω
1.2App
125
±1.0kHz
6.8nF
AS737-125-682
4.7
Ω
0.7App
125
±1.0kHz
3.3nF
AS737-125-332
Load
resistance
Resonant
Current
Resonant
frequency
Tuning
capacitance
Part No.


Similar Part No. - AS737-125-682

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS737 SUMIDA-AS737 Datasheet
24Kb / 1P
   Transponder TX antenna< Pin Type: AS Series>
AS737C SUMIDA-AS737C Datasheet
211Kb / 1P
   Transponder TX antenna
AS737D SUMIDA-AS737D Datasheet
205Kb / 1P
   Transponder TX antenna
More results

Similar Description - AS737-125-682

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS8411 SUMIDA-AS8411 Datasheet
213Kb / 2P
   LF Transmitter Antenna
AS4112 SUMIDA-AS4112 Datasheet
188Kb / 2P
   LF Transmitter Antenna
AS11619 SUMIDA-AS11619 Datasheet
200Kb / 2P
   LF Transmitter Antenna
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com