Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACL25 Datasheet(PDF) 1 Page - Sumida Corporation

Part # ACL25
Description  Radio Control Clock Antenna
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

ACL25 Datasheet(HTML) 1 Page - Sumida Corporation

  ACL25_16 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Radio Control Clock Antenna
ACL25
Remarks: Sample text sample text sample text sample text sample text sample text sample text sample text sample text sample text sample text sample text
sample text sample text sample text sample text sample text sample text.
Page 1 of 1
(05 April 2016)
www.sumida.com
◆ Product Description
 28.5 mm Max.×7.2mm Max.(L×W),6.0mm Max. Height.
 Operating frequency: 40kHz, 60kHz.
 Maximum operating temperature:85 degree
◆ Feature
 Radio control clock antenna with capacitor.
 Ideally used in Radio control clock receiver, automobile(interior only), highway, railway, and hospital etc.
 Maximum operating temperature
Dimensions (mm)
◆Schematics(Bottom)
◆ Specification
Part No.
Spec No.
Inductance
Capacitance
Tuning Frequency
Impedance
① - ③
C1,C2
① - ③
ACL25-40/60-91
3427-T002
9.1mH
1000pF
40 kHz (SW on)
75kΩ (SW on)
60 kHz (SW off)
200kΩ (SW off)
SW (External switch)


Similar Part No. - ACL25_16

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
ACL25 SUMIDA-ACL25 Datasheet
26Kb / 1P
   Radio Control Clock Antenna
More results

Similar Description - ACL25_16

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
ACL80A SUMIDA-ACL80A Datasheet
183Kb / 1P
   Radio Control Clock Antenna
ACL100B SUMIDA-ACL100B Datasheet
166Kb / 1P
   Radio Control Clock Antenna
ACL80B SUMIDA-ACL80B Datasheet
63Kb / 2P
   Radio Control Clock Antenna
ACL27J SUMIDA-ACL27J Datasheet
166Kb / 1P
   Radio Control Clock Antenna
ACL27 SUMIDA-ACL27 Datasheet
25Kb / 1P
   Radio Control Clock Antenna
ACL25 SUMIDA-ACL25 Datasheet
26Kb / 1P
   Radio Control Clock Antenna
ACL120B SUMIDA-ACL120B Datasheet
166Kb / 1P
   Radio Control Clock Antenna< Pin Type: ACL Series>
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-THT PREMO-RCA-THT Datasheet
76Kb / 1P
   Radio Clock Receiver Antenna Trough-hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com