Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6044-MDC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6044-MDC
Description  LMC6044 CMOS Quad Micropower Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6044-MDC Datasheet(HTML) 4 Page - Texas Instruments

  LMC6044-MDC Datasheet HTML 1Page - Texas Instruments LMC6044-MDC Datasheet HTML 2Page - Texas Instruments LMC6044-MDC Datasheet HTML 3Page - Texas Instruments LMC6044-MDC Datasheet HTML 4Page - Texas Instruments LMC6044-MDC Datasheet HTML 5Page - Texas Instruments LMC6044-MDC Datasheet HTML 6Page - Texas Instruments LMC6044-MDC Datasheet HTML 7Page - Texas Instruments LMC6044-MDC Datasheet HTML 8Page - Texas Instruments LMC6044-MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMC6044
SNOS612D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
= 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Symbol
Parameter
Conditions
LMC6044AI
LMC6044I
Units
Typical(1)
Limit(2)
Limit(2)
(Limit)
ISC
22
16
13
mA
Sourcing, VO = 0V
10
8
min
Output Current
V+ = 5V
21
16
13
mA
Sinking, VO = 5V
8
8
min
ISC
40
15
15
mA
Sourcing, VO = 0V
10
10
min
Output Current
V+ = 15V
39
24
21
mA
Sinking, VO = 13V
(4)
8
8
min
IS
40
65
75
μA
Four Amplifiers
VO = 1.5V
72
82
max
Supply Current
52
85
98
μA
Four Amplifiers
V+ = 15V
94
107
max
(4)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
= 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Symbol
Parameter
Conditions
LMC6044AI
LMC6044I
Units
Typical(1)
Limit(2)
Limit(2)
(Limit)
SR
0.02
0.015
0.010
V/
μs
Slew Rate
See(3)
0.010
0.007
min
GBW
Gain-Bandwidth Product
0.10
MHz
φm
Phase Margin
60
Deg
Amp-to-Amp Isolation
See(4)
115
dB
en
Input-Referred Voltage Noise
F = 1 kHz
83
nV/
√Hz
in
Input-Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
F = 1 kHz, AV = −5
T.H.D.
Total Harmonic Distortion
RL = 100 kΩ, VO = 2 Vpp
0.01
%
±5V Supply
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold face type).
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified in the slower of the positive and negative slew rates.
(4)
Input referred V+ = 15V and RL = 100 kΩ connected to V
+/2. Each amp excited in turn with 100 Hz to produce V
O = 12 VPP.
4
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6044


Similar Part No. - LMC6044-MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6044-MDC TI1-LMC6044-MDC Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6044-MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com