Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6082AIM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6082AIM
Description  LMC6082 Precision CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6082AIM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6082AIM Datasheet HTML 3Page - Texas Instruments LMC6082AIM Datasheet HTML 4Page - Texas Instruments LMC6082AIM Datasheet HTML 5Page - Texas Instruments LMC6082AIM Datasheet HTML 6Page - Texas Instruments LMC6082AIM Datasheet HTML 7Page - Texas Instruments LMC6082AIM Datasheet HTML 8Page - Texas Instruments LMC6082AIM Datasheet HTML 9Page - Texas Instruments LMC6082AIM Datasheet HTML 10Page - Texas Instruments LMC6082AIM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LMC6082
www.ti.com
SNOS630D – AUGUST 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C, Unless otherwise specified
Power Supply Rejection
Common Mode
Ratio
Rejection Ratio
vs
vs Frequency
Frequency
Figure 9.
Figure 10.
Input Voltage Noise
Output Characteristics
vs Frequency
Sourcing Current
Figure 11.
Figure 12.
Gain and Phase Response
Output Characteristics
vs Temperature
Sinking Current
(
−55°C to +125°C)
Figure 13.
Figure 14.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6082


Similar Part No. - LMC6082AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082AIM NSC-LMC6082AIM Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6082AIM TI-LMC6082AIM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
LMC6082AIMX TI-LMC6082AIMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
More results

Similar Description - LMC6082AIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082IMX TI-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com