Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482AIMDA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482AIMDA
Description  LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482AIMDA Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6482AIMDA Datasheet HTML 3Page - Texas Instruments LMC6482AIMDA Datasheet HTML 4Page - Texas Instruments LMC6482AIMDA Datasheet HTML 5Page - Texas Instruments LMC6482AIMDA Datasheet HTML 6Page - Texas Instruments LMC6482AIMDA Datasheet HTML 7Page - Texas Instruments LMC6482AIMDA Datasheet HTML 8Page - Texas Instruments LMC6482AIMDA Datasheet HTML 9Page - Texas Instruments LMC6482AIMDA Datasheet HTML 10Page - Texas Instruments LMC6482AIMDA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LMC6482
www.ti.com
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
Electrical Characteristics for V
+ = 5 V (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = VO = V
+/2 and R
L > 1 M.
At Temperature
TJ = 25°C
Extremes(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX(3)
MIN
TYP(2)
MAX(3)
AC Electrical Characteristics
See (7)
LMC6482AI
1
1.3
0.7
V/
μs
SR
Slew Rate
LMC6482I
0.9
1.3
0.63
LMC6482M
0.9
1.3
0.54
V/
μs
Gain-
V+ = 15 V
GBW
Bandwidth
1.5
MHz
Product
φm
Phase Margin
50
Deg
Gm
Gain Margin
15
dB
Amp-to-Amp
See (8)
150
dB
Isolation
Input-Referred F = 1 kHz
en
37
nV/
√Hz
Voltage Noise
Vcm = 1 V
Input-Referred F = 1 kHz
In
0.03
pA/
√Hz
Current Noise
F = 10 kHz, AV = −2
RL = 10 kΩ,
0.01%
VO = 4.1 VPP
Total
T.H.D.
Harmonic
F = 10 kHz, AV = −2
Distortion
RL = 10 kΩ,
0.01%
VO = 8.5 VPP
V+ = 10 V
(7)
V + = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of either the positive or negative slew
rates.
(8)
Input referred, V+ = 15 V and RL = 100 kΩ connected to 7.5 V. Each amp excited in turn with 1 kHz to produce VO = 12 VPP.
6.6 Electrical Characteristics for V
+ = 3 V
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M.
At Temperature
TJ = 25°C
Extremes(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX(3)
MIN
TYP(2)
MAX(3)
DC Electrical Characteristics
LMC6482AI
0.9
2
2.7
Input Offset
VOS
LMC6482I
0.9
3
3.7
mV
Voltage
LMC6482M
0.9
3
3.8
Input Offset
TCVOS
Voltage
2
μV/°C
Average Drift
Input Bias
0.02
IB
pA
Current
Input Offset
0.01
IOS
pA
Current
Common
LMC6482AI
64
74
Mode
LMC6482I
60
74
CMRR
0 V
≤ VCM ≤ 3 V
dB
Rejection
LMC6482M
60
74
Ratio
(1)
See Recommended Operating Conditions for operating temperature ranges.
(2)
Typical Values represent the most likely parametric norm.
(3)
All limits are specified by testing or statistical analysis.
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6482


Similar Part No. - LMC6482AIMDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMDA TI1-LMC6482AIMDA Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482AIMDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com