Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6081-MIL Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6081-MIL
Description  LMC6081 Precision CMOS Single Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6081-MIL Datasheet(HTML) 5 Page - Texas Instruments

  LMC6081-MIL Datasheet HTML 1Page - Texas Instruments LMC6081-MIL Datasheet HTML 2Page - Texas Instruments LMC6081-MIL Datasheet HTML 3Page - Texas Instruments LMC6081-MIL Datasheet HTML 4Page - Texas Instruments LMC6081-MIL Datasheet HTML 5Page - Texas Instruments LMC6081-MIL Datasheet HTML 6Page - Texas Instruments LMC6081-MIL Datasheet HTML 7Page - Texas Instruments LMC6081-MIL Datasheet HTML 8Page - Texas Instruments LMC6081-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LMC6081
www.ti.com
SNOS649C – AUGUST 2000 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6081AM
LMC6081AI
LMC6081
Units
Symbol
Parameter
Conditions
Typ(1)
Limit(2)
Limit(2)
Limit(2)
SR
Slew Rate
(3)
1.5
0.8
0.8
0.8
V/
μs
0.5
0.6
0.6
Min
GBW
Gain-Bandwidth Product
1.3
MHz
φm
Phase Margin
50
Deg
en
Input-Referred
F = 1 kHz
22
nV
√Hz
Voltage Noise
in
Input-Referred
F = 1 kHz
0.0002
pA
√Hz
Current Noise
T.H.D.
Total Harmonic Distortion
F = 10 kHz, AV = −10
RL = 2 kΩ, VO = 8 VPP
0.01
%
±5V Supply
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis.
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6081


Similar Part No. - LMC6081-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AIM NSC-LMC6081AIM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AIN NSC-LMC6081AIN Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AMN NSC-LMC6081AMN Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081IM NSC-LMC6081IM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
More results

Similar Description - LMC6081-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com