Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC8101MM Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC8101MM
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC8101MM Datasheet(HTML) 1 Page - Texas Instruments

  LMC8101MM Datasheet HTML 1Page - Texas Instruments LMC8101MM Datasheet HTML 2Page - Texas Instruments LMC8101MM Datasheet HTML 3Page - Texas Instruments LMC8101MM Datasheet HTML 4Page - Texas Instruments LMC8101MM Datasheet HTML 5Page - Texas Instruments LMC8101MM Datasheet HTML 6Page - Texas Instruments LMC8101MM Datasheet HTML 7Page - Texas Instruments LMC8101MM Datasheet HTML 8Page - Texas Instruments LMC8101MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LMC8101
www.ti.com
SNOS496F – AUGUST 2000 – REVISED MARCH 2013
LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in
DSBGA Package With Shutdown
Check for Samples: LMC8101
1
FEATURES
DESCRIPTION
The LMC8101 is a Rail-to-Rail Input and Output high
2
VS = 2.7V, TA = 25°C, RL to V
+/2, Typical Values
performance
CMOS
operational
amplifier.
The
Unless Specified.
LMC8101 is ideal for low voltage (2.7V to 10V)
Rail-to-Rail Inputs
applications requiring Rail-to-Rail inputs and output.
Rail-to-Rail Output Swing Within 35mV of
The LMC8101 is supplied in the die sized DSBGA as
well as the 8 pin VSSOP packages. The DSBGA
Supplies (RL =2kΩ)
package requires 75% less board space as compared
Packages Offered:
to the SOT-23 package. The LMC8101 is an upgrade
DSBGA package 1.39mm x 1.41mm
to the industry standard LMC7101.
VSSOP package 3.0mm x 4.9mm
The LMC8101 incorporates a simple user controlled
methodology for shutdown. This allows ease of use
Low Supply Current <1mA (max)
while reducing the total supply current to 1nA typical.
This extends battery life where power saving is
Shutdown Current 1µA (Max)
mandated. The shutdown input threshold can be set
Versatile Shutdown Feature 10µs Turn-On
relative to either V+ or Vusing the SL pin (see
Output Short Circuit Current 10mA
Application Notes section for details).
Offset Voltage ±5 mV (max)
Other enhancements include improved offset voltage
Gain-Bandwidth 1MHz
limit, three times the output current drive and lower
1/f noise when compared to the industry standard
Supply Voltage Range 2.7V-10V
LMC7101 Op Amp. This makes the LMC8101 ideal
THD 0.18%
for
use
in
many
battery
powered,
wireless
Voltage Noise 36nv/
√Hz
communication and Industrial applications.
APPLICATIONS
Portable Communication (Voice, Data)
Cellular Phone Power Amp Control Loop
Buffer AMP
Active Filters
Battery Sense
VCO Loop
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC8101MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101MM NSC-LMC8101MM Datasheet
709Kb / 15P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101MM NSC-LMC8101MM Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101MMX NSC-LMC8101MMX Datasheet
709Kb / 15P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101MMX NSC-LMC8101MMX Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
More results

Similar Description - LMC8101MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101 NSC-LMC8101 Datasheet
709Kb / 15P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101TP NSC-LMC8101TP Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com