Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6464AIMX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6464AIMX
Description  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6464AIMX Datasheet(HTML) 1 Page - Texas Instruments

  LMC6464AIMX Datasheet HTML 1Page - Texas Instruments LMC6464AIMX Datasheet HTML 2Page - Texas Instruments LMC6464AIMX Datasheet HTML 3Page - Texas Instruments LMC6464AIMX Datasheet HTML 4Page - Texas Instruments LMC6464AIMX Datasheet HTML 5Page - Texas Instruments LMC6464AIMX Datasheet HTML 6Page - Texas Instruments LMC6464AIMX Datasheet HTML 7Page - Texas Instruments LMC6464AIMX Datasheet HTML 8Page - Texas Instruments LMC6464AIMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
+
-
191:
9.95k
10k,
0.1%
10k, 0.1%
10k,
0.1%
50:
A2
A1
+
-
V
OUT = 100VD
V
CM - 1/2VD
10:
Gain
Trim
V
CM + 1/2VD
CMRR
Trim
LMC6462, LMC6464
www.ti.com
SNOS725D – MAY 1999 – REVISED MARCH 2013
LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
Operational Amplifier
Check for Samples: LMC6462, LMC6464
1
FEATURES
DESCRIPTION
The LMC6462/4 is a micropower version of the
2
(Typical Unless Otherwise Noted)
popular LMC6482/4, combining Rail-to-Rail Input and
Ultra Low Supply Current
20
μA/Amplifier
Output Range with very low power consumption.
Ensured Characteristics at 3V and 5V
The LMC6462/4 provides an input common-mode
Rail-to-Rail Input Common-Mode Voltage
voltage range that exceeds both rails. The rail-to-rail
Range
output swing of the amplifier, ensured for loads down
to 25 k
Ω, assures maximum dynamic signal range.
Rail-to-Rail Output Swing
This
rail-to-rail
performance
of
the
amplifier,
(within 10 mV of rail, VS = 5V and RL = 25
combined with its high voltage gain makes it unique
k
Ω)
among rail-to-rail amplifiers. The LMC6462/4 is an
Low Input Current
150 fA
excellent upgrade for circuits using limited common-
mode range amplifiers.
Low Input Offset Voltage
0.25 mV
The LMC6462/4, with ensured specifications at 3V
APPLICATIONS
and 5V, is especially well-suited for low voltage
applications. A quiescent power consumption of 60
Battery Operated Circuits
μW per amplifier (at VS = 3V) can extend the useful
Transducer Interface Circuits
life of battery operated systems. The amplifier's 150
Portable Communication Devices
fA input current, low offset voltage of 0.25 mV, and
85 dB CMRR maintain accuracy in battery-powered
Medical Applications
systems.
Battery Monitoring
Figure 1. 8-Pin PDIP/SOIC – Top View
Figure 2. 14-Pin PDIP/SOIC – Top View
(See Package Number P or D)
(See Package Number NFF0014A or D)
Figure 3. Low-Power Two-Op-Amp Instrumentation Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6464AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6464AIMX NSC-LMC6464AIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464AIMX NSC-LMC6464AIMX Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464AIMXNOPB NSC-LMC6464AIMXNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
More results

Similar Description - LMC6464AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462_14 Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com