Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6494BEM Datasheet(PDF) 10 Page - Texas Instruments

Part # LMC6494BEM
Description  LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6494BEM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC6494BEM Datasheet HTML 6Page - Texas Instruments LMC6494BEM Datasheet HTML 7Page - Texas Instruments LMC6494BEM Datasheet HTML 8Page - Texas Instruments LMC6494BEM Datasheet HTML 9Page - Texas Instruments LMC6494BEM Datasheet HTML 10Page - Texas Instruments LMC6494BEM Datasheet HTML 11Page - Texas Instruments LMC6494BEM Datasheet HTML 12Page - Texas Instruments LMC6494BEM Datasheet HTML 13Page - Texas Instruments LMC6494BEM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LMC6492, LMC6494
SNOS724D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = +15V, Single Supply, TA = 25°C unless otherwise specified
Gain and Phase vs
Open Loop Output Impedance
Capacitive Load
vs Frequency
Figure 33.
Figure 34.
Open Loop Output Impedance
Slew Rate vs
vs Frequency
Supply Voltage
Figure 35.
Figure 36.
Non-Inverting Large
Non-Inverting Large
Signal Pulse Response
Signal Pulse Response
Figure 37.
Figure 38.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6492 LMC6494


Similar Part No. - LMC6494BEM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6494BEM NSC-LMC6494BEM Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6494BEMX NSC-LMC6494BEMX Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6494BEM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com