Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49710 Datasheet(PDF) 8 Page - Texas Instruments

Part # LME49710
Description  High-Performance, High-Fidelity Audio Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49710 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LME49710 Datasheet HTML 4Page - Texas Instruments LME49710 Datasheet HTML 5Page - Texas Instruments LME49710 Datasheet HTML 6Page - Texas Instruments LME49710 Datasheet HTML 7Page - Texas Instruments LME49710 Datasheet HTML 8Page - Texas Instruments LME49710 Datasheet HTML 9Page - Texas Instruments LME49710 Datasheet HTML 10Page - Texas Instruments LME49710 Datasheet HTML 11Page - Texas Instruments LME49710 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0.00002
0.00005
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
VRMS
100m
500m
1
10
20
5
0.01
0.00002
0.00005
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
0.01
VRMS
100m
500m
1
10
20
5
0.00002
0.00005
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
0.01
VRMS
100m
500m
2
1
0.00002
0.00005
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
0.01
VRMS
100m
500m
1
10
20
5
0.00002
0.00005
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
0.01
VRMS
100m
500m
1
10
20
5
0.00002
0.00005
0.0002
0.0005
0.002
0.005
0.00001
0.0001
0.001
0.01
VRMS
100m
500m
1
10
20
5
LME49710
SNAS376C – NOVEMBER 2006 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 15V, VEE = –15V, RL = 2kΩ
VCC = 12V, VEE = –12V, RL = 2kΩ
Figure 22.
Figure 23.
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 17V, VEE = –17V, RL = 2kΩ
VCC = 2.5V, VEE = –2.5V, RL = 2kΩ
Figure 24.
Figure 25.
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 15V, VEE = –15V, RL = 600Ω
VCC = 12V, VEE = –12V, RL = 600Ω
Figure 26.
Figure 27.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LME49710


Similar Part No. - LME49710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49710 NSC-LME49710 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com