Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6464BIMX Datasheet(PDF) 11 Page - Texas Instruments

Part # LMC6464BIMX
Description  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6464BIMX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC6464BIMX Datasheet HTML 7Page - Texas Instruments LMC6464BIMX Datasheet HTML 8Page - Texas Instruments LMC6464BIMX Datasheet HTML 9Page - Texas Instruments LMC6464BIMX Datasheet HTML 10Page - Texas Instruments LMC6464BIMX Datasheet HTML 11Page - Texas Instruments LMC6464BIMX Datasheet HTML 12Page - Texas Instruments LMC6464BIMX Datasheet HTML 13Page - Texas Instruments LMC6464BIMX Datasheet HTML 14Page - Texas Instruments LMC6464BIMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LMC6462, LMC6464
www.ti.com
SNOS725D – MAY 1999 – REVISED MARCH 2013
APPLICATION INFORMATION
Input Common-Mode Voltage Range
The LMC6462/4 has a rail-to-rail input common-mode voltage range. Figure 33 shows an input voltage
exceeding both supplies with no resulting phase inversion on the output.
Figure 33. An Input Voltage Signal Exceeds the LMC6462/4 Power Supply Voltage with No Output Phase
Inversion
The absolute maximum input voltage at V+ = 3V is 300 mV beyond either supply rail at room temperature.
Voltages greatly exceeding this absolute maximum rating, as in Figure 34, can cause excessive current to flow in
or out of the input pins, possibly affecting reliability. The input current can be externally limited to ±5 mA, with an
input resistor, as shown in Figure 35.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6462 LMC6464


Similar Part No. - LMC6464BIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6464BIMX NSC-LMC6464BIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464BIMX NSC-LMC6464BIMX Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464BIMXNOPB NSC-LMC6464BIMXNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
More results

Similar Description - LMC6464BIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462_14 Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com