Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49721 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LME49721
Description  High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49721 Datasheet(HTML) 5 Page - Texas Instruments

  LME49721 Datasheet HTML 1Page - Texas Instruments LME49721 Datasheet HTML 2Page - Texas Instruments LME49721 Datasheet HTML 3Page - Texas Instruments LME49721 Datasheet HTML 4Page - Texas Instruments LME49721 Datasheet HTML 5Page - Texas Instruments LME49721 Datasheet HTML 6Page - Texas Instruments LME49721 Datasheet HTML 7Page - Texas Instruments LME49721 Datasheet HTML 8Page - Texas Instruments LME49721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
FREQUENCY (Hz)
0.00001
0.1
0.0001
0.001
0.01
20
20k
200
2k
FREQUENCY (Hz)
0.00001
0.1
0.0001
0.001
0.01
20
20k
200
2k
FREQUENCY (Hz)
0.0001
0.1
0.001
0.01
20
20k
200
2k
FREQUENCY (Hz)
0.1
0.0001
0.001
0.01
20
20k
200
2k
FREQUENCY (Hz)
0.1
0.0001
0.001
0.01
20
20k
200
2k
FREQUENCY (Hz)
0.1
0.0001
0.001
0.01
20
20k
200
2k
LME49721
www.ti.com
SNAS371C – SEPTEMBER 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Graphs were taken in dual supply configuration.
THD+N vs Frequency
THD+N vs Frequency
VS = ±2.75V, VOUT = 4VP-P
VS = ±2.75V, VOUT = 4VP-P
RL = 2kΩ, AV = 2, BW = 22kHz
RL = 2kΩ, AV = 2
Figure 9.
Figure 10.
THD+N vs Frequency
THD+N vs Frequency
VS = ±2.75V, VOUT = 4VP-P
VS = ±2.75V, VOUT = 4VP-P
RL = 10kΩ, AV = 2, BW = 22kHz
RL = 10kΩ, AV = 2
Figure 11.
Figure 12.
THD+N vs Frequency
THD+N vs Frequency
VS = ±2.75V, VOUT = 4VP-P
VS = ±2.75V, VOUT = 4VP-P
RL = 600Ω, AV = 2, BW = 22kHz
RL = 600Ω, AV = 2
Figure 13.
Figure 14.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LME49721


Similar Part No. - LME49721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49721 NSC-LME49721 Datasheet
726Kb / 26P
   High Performance, High Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
Texas Instruments
LME49721 TI-LME49721 Datasheet
1Mb / 29P
[Old version datasheet]   LME49721 High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
National Semiconductor ...
LME49721MA NSC-LME49721MA Datasheet
726Kb / 26P
   High Performance, High Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
Texas Instruments
LME49721MA TI-LME49721MA Datasheet
1Mb / 29P
[Old version datasheet]   LME49721 High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
LME49721MAX TI-LME49721MAX Datasheet
1Mb / 29P
[Old version datasheet]   LME49721 High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
More results

Similar Description - LME49721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49721 NSC-LME49721 Datasheet
726Kb / 26P
   High Performance, High Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
Texas Instruments
LME49721 TI1-LME49721_14 Datasheet
578Kb / 28P
[Old version datasheet]   High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
LME49721MAX TI-LME49721MAX Datasheet
1Mb / 29P
[Old version datasheet]   LME49721 High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
logo
New Japan Radio
MUSES8832 NJRC-MUSES8832 Datasheet
441Kb / 11P
   Rail-to-Rail Output, High Quality Audio, Dual Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49726 TI1-LME49726 Datasheet
1Mb / 26P
[Old version datasheet]   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
National Semiconductor ...
LME49726 NSC-LME49726 Datasheet
547Kb / 22P
   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com