Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49743 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LME49743
Description  LME49743 Quad High Performance, High Fidelity Audio Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49743 Datasheet(HTML) 5 Page - Texas Instruments

  LME49743 Datasheet HTML 1Page - Texas Instruments LME49743 Datasheet HTML 2Page - Texas Instruments LME49743 Datasheet HTML 3Page - Texas Instruments LME49743 Datasheet HTML 4Page - Texas Instruments LME49743 Datasheet HTML 5Page - Texas Instruments LME49743 Datasheet HTML 6Page - Texas Instruments LME49743 Datasheet HTML 7Page - Texas Instruments LME49743 Datasheet HTML 8Page - Texas Instruments LME49743 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LME49743
www.ti.com
SNAS442B – MARCH 2008 – REVISED APRIL 2013
Typical Performance Characteristics
THD+N
THD+N
vs
vs
Output Voltage
Output Voltage
VS = ±15V, RL = 2kΩ, f = 1kHz
VS = ±15V, RL = 10kΩ, f = 1kHz
30kHz BW
30kHz BW
Figure 2.
Figure 3.
THD+N
THD+N
vs
vs
Output Voltage
Frequency
VS = ±15V, RL = 600Ω, f = 1kHz
VS = ±15V, VOUT = 3VRMS, RL = 2kΩ
30kHz BW
80kHz BW
Figure 4.
Figure 5.
THD+N
THD+N
vs
vs
Frequency
Frequency
VS = ±15V, VOUT = 3VRMS, RL = 10kΩ
VS = ±15V, VOUT = 3VRMS, RL = 600Ω
80kHz BW
80kHz BW
Figure 6.
Figure 7.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LME49743


Similar Part No. - LME49743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
LME49743MT NSC-LME49743MT Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
LME49740 TI1-LME49740 Datasheet
1Mb / 26P
[Old version datasheet]   LME49740 Quad High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com