Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49870 Datasheet(PDF) 1 Page - Texas Instruments

Part # LME49870
Description  44V Single High Performance, High Fidelity Audio Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49870 Datasheet(HTML) 1 Page - Texas Instruments

  LME49870 Datasheet HTML 1Page - Texas Instruments LME49870 Datasheet HTML 2Page - Texas Instruments LME49870 Datasheet HTML 3Page - Texas Instruments LME49870 Datasheet HTML 4Page - Texas Instruments LME49870 Datasheet HTML 5Page - Texas Instruments LME49870 Datasheet HTML 6Page - Texas Instruments LME49870 Datasheet HTML 7Page - Texas Instruments LME49870 Datasheet HTML 8Page - Texas Instruments LME49870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LME49870
www.ti.com
SNAS413C – SEPTEMBER 2007 – REVISED APRIL 2013
LME49870 44V Single High Performance, High Fidelity Audio Operational Amplifier
Check for Samples: LME49870
1
FEATURES
DESCRIPTION
The LME49870 is part of the ultra-low distortion, low
2
Easily Drives 600
Ω Loads
noise, high slew rate operational amplifier series
Optimized for Superior Audio Signal Fidelity
optimized and fully specified for high performance,
Output Short Circuit Protection
high
fidelity
applications.
Combining
advanced
leading-edge process technology with state-of-the-art
PSRR and CMRR Exceed 120dB (Typ)
circuit design, the LME49870 audio operational
amplifier delivers superior audio signal amplification
APPLICATIONS
for outstanding audio performance. The LME49870
High Quality Audio Amplification
combines
extremely
low
voltage
noise
density
(2.7nV/
√Hz) with vanishingly low THD+N (0.00003%)
High Fidelity Preamplifiers, Phono Preamps,
to
easily
satisfy
the
most
demanding
audio
and Multimedia
applications. To ensure that the most challenging
High Performance Professional Audio
loads are driven without compromise, the LME49870
High Fidelity Equalization and Crossover
has a high slew rate of ±20V/
μs and an output current
Networks with Active Filters
capability of ±26mA. Further, dynamic range is
maximized by an output stage that drives 2k
Ω loads
High Performance Line Drivers and Receivers
to within 1V of either power supply voltage and to
Low Noise Industrial Applications Including
within 1.4V when driving 600
Ω loads.
Test, Measurement, and Ultrasound
The LME49870's outstanding CMRR (120dB), PSRR
(120dB), and VOS (0.1mV) give the amplifier excellent
KEY SPECIFICATIONS
operational amplifier DC performance.
Power Supply Voltage Range: ±2.5V to ±22V
The LME49870 has a wide supply range of ±2.5V to
THD+N
(AV = 1, VOUT = 3VRMS, fIN = 1kHz)
±22V.
Over
this
supply
range
the
LME49870
RL = 2kΩ: 0.00003% (Typ)
maintains excellent common-mode rejection, power
supply rejection, and low input bias current. The
RL = 600Ω: 0.00003% (Typ)
LME49870
is
unity
gain
stable.
This
Audio
Input Noise Density: 2.7nV/
√Hz (Typ)
Operational
Amplifier
achieves
outstanding
AC
Slew Rate: ±20V/
μs (Typ)
performance while driving complex loads with values
as high as 100pF.
Gain Bandwidth Product: 55MHz (Typ)
Open Loop Gain (RL = 600Ω): 140dB (Typ)
The LME49870 is available in 8–lead narrow body
SOIC. Demonstration boards are available for each
Input Bias Current: 10nA (Typ)
package.
Input Offset Voltage: 0.1mV (Typ)
DC Gain Linearity Error: 0.000009%
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LME49870

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49870

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860 Datasheet
1Mb / 37P
[Old version datasheet]   LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com