Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG3410 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMG3410
Description  600-V 12-A Single Channel GaN Power Stage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMG3410 Datasheet(HTML) 4 Page - Texas Instruments

  LMG3410 Datasheet HTML 1Page - Texas Instruments LMG3410 Datasheet HTML 2Page - Texas Instruments LMG3410 Datasheet HTML 3Page - Texas Instruments LMG3410 Datasheet HTML 4Page - Texas Instruments LMG3410 Datasheet HTML 5Page - Texas Instruments LMG3410 Datasheet HTML 6Page - Texas Instruments LMG3410 Datasheet HTML 7Page - Texas Instruments LMG3410 Datasheet HTML 8Page - Texas Instruments LMG3410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
LMG3410
SNOSD10A – APRIL 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMG3410
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
V DS
Drain-Source Voltage
600
V
V DD
Supply Voltage
–0.3
20
V
I DS
Drain-Source Current, Pulsed
–32
32
A
V IN
IN, LPM Pin Voltage
5.5
V
T STG
Storage Temperature
–55
150
°C
T J
Operating Temperature
–40
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins (2)
±250
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDS
Drain-Source Voltage
480
V
VDD
Supply Voltage
9.5
12
18
V
IDS
DC Drain-Source Current
12
A
I+5V
LDO External Load Current
5
mA
TJ
Operating Temperature
-40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
The Theta_JA specification is based on a JEDEC 2s2p PCB using thermal vias in still air.
6.4 Thermal Information
THERMAL METRIC (1) (2)
LMG3410
UNIT
RWH (QFN)
32 PINS
R θJA
Junction-to-ambient thermal resistance(3)
26.5
°C/W
R θJC(top)
Junction-to-case (top) thermal resistance
5.3
°C/W
R θJC(bot)
Junction-to-case (bottom) thermal resistance
0.5
°C/W


Similar Part No. - LMG3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG3410 TI1-LMG3410 Datasheet
636Kb / 29P
[Old version datasheet]   600-V 12-A Single Channel GaN Power Stage
LMG3410R050 TI1-LMG3410R050 Datasheet
910Kb / 27P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
LMG3410R050 TI1-LMG3410R050 Datasheet
923Kb / 28P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN power stage with overcurrent protection
LMG3410R050RWHR TI1-LMG3410R050RWHR Datasheet
910Kb / 27P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
LMG3410R050RWHR TI1-LMG3410R050RWHR Datasheet
923Kb / 28P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN power stage with overcurrent protection
More results

Similar Description - LMG3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG3410 TI1-LMG3410_17 Datasheet
636Kb / 29P
[Old version datasheet]   600-V 12-A Single Channel GaN Power Stage
logo
Rohm
BM3G007MUV-LB ROHM-BM3G007MUV-LB Datasheet
1Mb / 29P
   650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
BM3G015MUV-LB ROHM-BM3G015MUV-LB Datasheet
1Mb / 29P
   650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
logo
Texas Instruments
LMG3410R050 TI1-LMG3410R050 Datasheet
910Kb / 27P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
LMG3410R050 TI1-LMG3410R050_19 Datasheet
923Kb / 28P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN power stage with overcurrent protection
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
[Old version datasheet]   GaN Half-Bridge Power Stage
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
logo
Renesas Technology Corp
RJH60M2DPE RENESAS-RJH60M2DPE Datasheet
59Kb / 4P
   600 V - 12 A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com