Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0056 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0056
Description  HD/SD SDI Reclocker with 4:1 Input Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0056 Datasheet(HTML) 1 Page - Texas Instruments

  LMH0056 Datasheet HTML 1Page - Texas Instruments LMH0056 Datasheet HTML 2Page - Texas Instruments LMH0056 Datasheet HTML 3Page - Texas Instruments LMH0056 Datasheet HTML 4Page - Texas Instruments LMH0056 Datasheet HTML 5Page - Texas Instruments LMH0056 Datasheet HTML 6Page - Texas Instruments LMH0056 Datasheet HTML 7Page - Texas Instruments LMH0056 Datasheet HTML 8Page - Texas Instruments LMH0056 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMH0056
www.ti.com
SNLS236C – AUGUST 2006 – REVISED APRIL 2013
LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
Check for Samples: LMH0056
1
FEATURES
DESCRIPTION
The LMH0056 HD/SD SDI Reclocker with 4:1 Input
2
Supports SMPTE 292M and SMPTE 259M (A &
Multiplexer
retimes
serial
digital
video
data
C) Serial Digital Video Standards
conforming to the SMPTE 292M and SMPTE 259M
Supports 143 Mbps, 270 Mbps, 1.483 Gbps,
(A & C) standards. The LMH0056 operates at serial
and 1.485 Gbps Serial Data Rate Operation
data rates of 143 Mbps, 270 Mbps, 1.483 Gbps and
1.485
Gbps.
The
LMH0056
supports
DVB-ASI
Supports DVB-ASI at 270 Mbps
operation at 270 Mbps. The LMH0056 includes an
Single 3.3V Supply Operation
integrated 4:1 input multiplexer for selecting one of
360 mW Typical Power Consumption
four input data streams for retiming.
Integrated 4:1 Multiplexed Input
The LMH0056 automatically detects the incoming
Two Differential, Reclocked Outputs
data rate and adjusts itself to retime the incoming
data to suppress accumulated jitter. The LMH0056
Choice of Second Reclocked Output or Low-
recovers the serial data-rate clock and optionally
Jitter, Differential, Data-Rate Clock Output
provides it as an output. The LMH0056 has two
Single 27 MHz External Crystal or Reference
differential serial data outputs; the second output may
Clock Input
be selected as a low-jitter, data-rate clock output.
Manual Rate Select Input
Controls and indicators are: serial clock or second
serial data output select, manual rate select input,
SD/HD Operating Rate Indicator Output
SD/HD rate indicator output, lock detect output,
Lock Detect Indicator Output
auto/manual data bypass and output mute. The serial
Output Mute Function for Data and Clock
data inputs, outputs, and serial data-rate clock
outputs are differential LVPECL compatible. The CML
Auto/Manual Reclocker Bypass
serial data and serial data-rate clock outputs are
Differential LVPECL Compatible Serial Data
suitable for driving 100
Ω differentially terminated
Inputs and Outputs
networks. The control logic inputs and outputs are
LVCMOS Control Inputs and Indicator Outputs
LVCMOS compatible.
48-Pin WQFN Package
The LMH0056 is powered from a single 3.3V supply.
Industrial Temperature Range: -40°C to +85°C
Power dissipation is typically 360 mW. The device is
housed in a 48-pin WQFN package.
APPLICATIONS
SDTV/HDTV Serial Digital Video Interfaces for:
Digital Video Routers and Switchers
Digital Video Processing and Editing
Equipment
DVB-ASI Equipment
Video Standards and Format Converters
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0056SQ NSC-LMH0056SQ Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056SQ NSC-LMH0056SQ Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results

Similar Description - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
[Old version datasheet]   SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0356 TI1-LMH0356 Datasheet
1Mb / 28P
[Old version datasheet]   3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com