Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 5 Page - Texas Instruments

  SN65DP149_16 Datasheet HTML 1Page - Texas Instruments SN65DP149_16 Datasheet HTML 2Page - Texas Instruments SN65DP149_16 Datasheet HTML 3Page - Texas Instruments SN65DP149_16 Datasheet HTML 4Page - Texas Instruments SN65DP149_16 Datasheet HTML 5Page - Texas Instruments SN65DP149_16 Datasheet HTML 6Page - Texas Instruments SN65DP149_16 Datasheet HTML 7Page - Texas Instruments SN65DP149_16 Datasheet HTML 8Page - Texas Instruments SN65DP149_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
SN65DP149, SN75DP149
www.ti.com
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION (1)
SIGNAL NAME
NO.
MAIN LINK OUTPUT PINS (FAIL SAFE)
OUT_D2n
OUT_D2p
29
30
O
TMDS data 2 differential output
OUT_D1n
OUT_D1p
26
27
O
TMDS data 1 differential output
OUT_D0n
OUT_D0p
24
25
O
TMDS data 0 differential output
OUT_CLKn
OUT_CLKp
21
22
O
TMDS data clock differential output
HOT PLUG DETECT PINS
HPD_SRC
3
O
Hot plug detect output
HPD_SNK
28
I (Failsafe) Hot plug detect input
DDC DATA PINS
SDA_SRC
SCL_SRC
39
38
I/O
(Failsafe)
Source side TMDS port bidirectional DDC data line
SDA_SNK
SCL_SNK
33
32
I/O
(Failsafe)
Sink side TMDS port bidirectional DDC data lines
CONTROL PINS
OE
36
I
Operation enable/reset pin
OE = L: Power-down mode
OE = H: Normal operation
Internal weak pullup: Resets device when transitions from H to L
SLEW_CTL
34
I
3
level (1)
Slew rate control when I2C_EN/PIN = Low. SLEW_CTL = H, fastest data rate (default)
SLEW_CTL = L, 5-ps slow
SLEW_CTL = No Connect, 10-ps slow
When I2C_EN/PIN = High Slew rate is controlled through I2C[4]
PRE_SEL
16
I
3
level (1)
PRE_SEL = L: - 2-dB de-emphasis
PRE_SEL = No Connect: 0-dB
PRE_SEL = H: Reserved
Note: (3 level for pin strap programming, but 2 level when I2C[4] address)
EQ_SEL/A0
17
I
3
level (1)
Input Receive Equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5-dB
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL = H: Fixed at 14-dB
When I2C_EN/PIN = High
Address bit 1
Note: (3 level for pin strap programming but 2 level when I2C[4] address)
I2C_EN/PIN
8
I
I2C_EN/PIN = High; puts device into I2C control mode
I2C_EN/PIN = Low; puts device into pin strap mode
SCL_CTL
13
I
I2C clock signal
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions cannot be
changed by I2C
SDA_CTL
14
I/0
I2C data signal
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions cannot be
changed by I2C
Vsadj
18
I
TMDS-compliant voltage swing control nominal resistor to GND
HDMI_SEL/A1
23
I
HDMI_SEL when I2C_EN/PIN = Low
HDMI_SEL = High: Device configured for DVI
HDMI_SEL = Low: Device configured for HDMI (Adaptor ID block is readable through I2C
When I2C_EN/PIN = High
Address bit 2
Note: Weak internal pull down
SUPPLY AND GROUND PINS
VCC
11, 37
P
3.3-V power supply
VDD
12, 19, 20, 31,
40
P
1.1-V power supply


Similar Part No. - SN65DP149_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149RSBR TI1-SN65DP149RSBR Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149RSBT TI1-SN65DP149RSBT Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP149_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com