Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149RSBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149RSBT
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149RSBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65DP149RSBT Datasheet HTML 5Page - Texas Instruments SN65DP149RSBT Datasheet HTML 6Page - Texas Instruments SN65DP149RSBT Datasheet HTML 7Page - Texas Instruments SN65DP149RSBT Datasheet HTML 8Page - Texas Instruments SN65DP149RSBT Datasheet HTML 9Page - Texas Instruments SN65DP149RSBT Datasheet HTML 10Page - Texas Instruments SN65DP149RSBT Datasheet HTML 11Page - Texas Instruments SN65DP149RSBT Datasheet HTML 12Page - Texas Instruments SN65DP149RSBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
9
SN65DP149, SN75DP149
www.ti.com
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.6 Differential Input Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DR_RX_DATA
Ddata lanes data rate
0.25
3.4
Gbps
DR_RX_CLK
Clock lanes clock rate
25
340
MHz
tRX_DUTY
Input clock duty circle
40%
50%
60%
tCLK_JIT
Input clock jitter tolerance
0.3
Tbit
tDATA_JIT
Input data jitter tolerance
Test the TTP2, see Figure 7
150
ps
TRX_INTRA
Input intra-pair skew tolerance
Test at TTP2 when DR = 1.6-Gbps, see
Figure 7
112
ps
TRX_INTER
Input inter-pair skew tolerance
1.8
ns
EQH(D)
Fixed EQ gain for data lane
IN_D(0,1,2)n/p
EQ_SEL/A0 = H; Fixed EQ gain,
test at 3.4-Gbps
14
dB
EQL(D)
Fixed EQ gain for data lane
IN_D(0,1,2)n/p
EQ_SEL/A0 = L; Fixed EQ gain,
test at 3.4-Gbps
7.5
dB
EQZ(D)
Adaptive EQ gain for data lane
IN_D(0,1,2)n/p
EQ_SEL/A0 = Z; adaptive EQ
2
14
dB
EQ(c)
EQ gain for clock lane IN_CLKn/p
EQ_SEL/A0 = H,L,NC
3
RINT
Input differential termination impedance
80
100
120
VITERM
Input termination voltage
OE = H
0.7
V
VID_PP
Input differential voltage (peak to peak)
Tested at TTP2, check Figure 7
75
1200
mVPP


Similar Part No. - SN65DP149RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149RSBT TI1-SN65DP149RSBT Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP149RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com