Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP159RGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP159RGZT
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP159RGZT Datasheet(HTML) 1 Page - Texas Instruments

  SN65DP159RGZT Datasheet HTML 1Page - Texas Instruments SN65DP159RGZT Datasheet HTML 2Page - Texas Instruments SN65DP159RGZT Datasheet HTML 3Page - Texas Instruments SN65DP159RGZT Datasheet HTML 4Page - Texas Instruments SN65DP159RGZT Datasheet HTML 5Page - Texas Instruments SN65DP159RGZT Datasheet HTML 6Page - Texas Instruments SN65DP159RGZT Datasheet HTML 7Page - Texas Instruments SN65DP159RGZT Datasheet HTML 8Page - Texas Instruments SN65DP159RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
GPU
DP1x9
Dual Mode DisplayPort
HDMI/DVI
GPU
Dongle
DP++
HDMI
Monitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN65DP159, SN75DP159
SLLSEJ2C – JULY 2015 – REVISED JULY 2016
SNx5DP159 6 Gbps DP++ to HDMI Retimer
1
1 Features
1
DisplayPort™ Physical Layer Input Port to TMDS
Physical Layer Output Port Supporting up to
6-Gbps Data Rates
Support DisplayPort Dual-Mode Standard Version
1.1
Support HDMI2.0a Transmitter Electrical
Parameters up to 6-Gbps
Supports Type 2 I2C-over-AUX to DDC Bridge
Integrated TMDS Level Translator and CDR
Adaptive Receiver Equalizer and Programmable
Fixed Equalizer
Selectable De-Emphasis
Low Power Typical Consumption
435 mW at 6-Gbps Retimer
10 mW at Shutdown State
Integrated DVI and HDMI Identification
Recognition Dual Mode DP Type 2 Capability
Active I2C[4] Buffer
Input Swap on Main Lanes
I2C[4] and Pin-Strap Programmable
Industrial Temperature Range:
–40 to 85°C (SN65DP159)
Extended Commercial Temperature Range:
0 to 85°C (SN75DP159)
40-Pin 0.4-mm Pitch, 5-mm × 5-mm WQFN
48-Pin 0.5-mm Pitch, 7-mm × 7-mm VQFN
2 Applications
Personal Computer Market
Next Generation Adaptor Dongles
Desktop PC
Notebook PC Market
Docking Station
HDTV
Standalone Video Card
Tablet
3 Description
The
SNx5DP159
device
is
a
dual
mode[1]
DisplayPort to transition-minimized differential signal
(TMDS) retimer supporting digital video interface
(DVI) 1.0 and high-definition multimedia interface
(HDMI) 1.4b and 2.0 output signals. The SNx5DP159
device supports the dual mode standard version 1.1
type 1 and type 2 through the DDC link or AUX
channel. The SNx5DP159 device supports data rate
up to 6-Gbps per data lane to support Ultra HD (4K ×
2K / 60-Hz) 8-bits per color high-resolution video and
HDTV with 16-bit color depth at 1080p (1920 × 1080 /
60-Hz). The SNx5DP159 device can automatically
configure itself as a re-driver at data rates <1 Gbps,
or as a retimer at more than this data rate. This
feature can be turned off through I2C[4] programming.
For
signal
integrity,
the
SNx5DP159
device
implements
several
features.
The
SNx5DP159
receiver
supports
both
adaptive
and
fixed
equalization to clean up inter-symbol interference
(ISI) jitter or loss from the bandwidth-limited board
traces or cables. When working as a retimer, the
embedded clock data recovery (CDR) cleans up the
input high frequency and random jitter from video
source. The transmitter provides several features for
passing
compliance
and
reducing
system-level
design issues like de-emphasis, which compensates
for the attenuation when driving long cables or high-
loss board traces. The SNx5DP159 device also
includes TMDS output amplitude adjust using an
external resistor on the Vsadj pin, source termination
selection, and output slew rate control. Device
operation and configuration can be programmed by
pin strapping or I2C[4].
The SNx5DP159 device implements several methods
for power management and active power reduction.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65DP159
SN75DP159
VQFN (48)
7.00 mm × 7.00 mm
WQFN (40)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DP159 Mother Board Application Structure
DP159 Dongle Application Structure


Similar Part No. - SN65DP159RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP159RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com