Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DPHY440SSRHRR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DPHY440SSRHRR
Description  SNx5DPHY440SS CSI-2/DSI DPHY Re-timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DPHY440SSRHRR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75DPHY440SSRHRR Datasheet HTML 4Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 5Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 6Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 7Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 8Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 9Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 10Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 11Page - Texas Instruments SN75DPHY440SSRHRR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
BUF
t
8
SN65DPHY440SS, SN75DPHY440SS
SLLSEO9A – MARCH 2016 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN65DPHY440SS SN75DPHY440SS
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
(1) All typical values are at VCC = 3.3 V, and TA = 25°C.
6.8 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
I2C (ERC (SDA), EQ (SCL))
F(SCL)
I2C Clock Freqency
100
kHz
tF_I2C
Fall time of both SDA and SCL signals
Load of 350 pF with 2-K pullup
resistor.
Measure at 30% - 70%
300
ns
tR_I2C
Rise Time of both SDA and SCL signals
1000
ns
DPHY LINK
F(BR)
Bit Rate
1
Gbps
F(HSCLK)
HS Clock Input range
100
500
µsMHz
F(DESKEW)
Automatic Deskew range
220
500
MHz
MIPI DPHY HS Receiver Interface (DA0P/N, DA1P/N, DA2P/N, DA3P/N, DACP/N)
∆V(CMRX_HF)
Common-mode Interface beyond 450 MHz
100
mV
∆V(CMRX_LF)
Common-mode interference 50 MHz – 450 MHz
–50
50
mV
MIPI DPHY HS Transmitter Interface (DB0P/N, DB1P/N, DB2P/N, DB3P/N, DBCP/N)
∆V(CMRX_HF)
Common-level variations above 450 MHz
5
mVrms
∆V(CMRX_LF)
Common-level variation between 50 MHz – 450 MHz.
25
mVpeak
tR and tF
20% - 80% rise time and fall time
Datarate
≤ 1 Gbps
0.3
ns
100
ns
MIPI DPHY LP Receiver Interface (DA0P/N, DA1P/N, DA2P/N, DA3P/N, DACP/N, DB0P/N)
eSPIKE
Input Pulse rejection
300
V ps
tMIN(RX)
Minimum pulse width response
20
ns
V(INT)
Peak interference amplitude
200
mv
F(INT)
Interference Frequency
450
Mhz
t(LP-PULSE-RX)
Pulse Width of the XOR of DAxP and
DAxN
First LP XOR clock pulse after Stop
state or last pulse before Stop
state.
42
ns
All other pulses.
22
ns
MIPI DPHY LP Transmitter Interface (DB0P/N, DB1P/N, DB2P/N, DB3P/N, DBCP/N, DA0P/N)
tREOT
30% - 85% rise time and fall time
Measured at end of HS
transmission.
35
ns
t(LP-PULSE-TX)
Pulse Width of the LP XOR clock
First LP XOR clock pulse after Stop
state or last pulse before Stop state
40
ns
All other pulses
20
ns
t(LP-PER-TX)
Period of the LP XOR clock
90
ns
δV/δtsr
Slew Rate at CLOAD = 70 pF
150
mV/ns
Slew Rate at CLOAD = 0 pF Fallng edge only
30
mV/ns
Slew Rate at CLOAD = 0 pF Rising edge only
30
mV/ns
CLOAD
Load Capacitance
70
pF
Figure 1. I2C Timing


Similar Part No. - SN75DPHY440SSRHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118RHHR TI-SN75DP118RHHR Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118RHHR TI-SN75DP118RHHR Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118RHHRG4 TI-SN75DP118RHHRG4 Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118RHHT TI-SN75DP118RHHT Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
More results

Similar Description - SN75DPHY440SSRHRR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
   MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
logo
ERNI Electronics
100203210049 ERNI-100203210049 Datasheet
60Kb / 1P
   Federleistengehause C/2 CSI
logo
Intersil Corporation
BBT3421 INTERSIL-BBT3421 Datasheet
147Kb / 2P
   4 Channel Multi-rate Intelligent CMOS Re-Timer
logo
Analog Devices
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
   CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96717 AD-MAX96717 Datasheet
6Mb / 235P
   CSI-2 to GMSL2 Serializer
19-100942; Rev 4; 5/23
logo
Maxim Integrated Produc...
MAX9288EVKIT MAXIM-MAX9288EVKIT Datasheet
5Mb / 29P
   Drives 4-Channel CSI-2 Output
2019
logo
ERNI Electronics
100503210053 ERNI-100503210053 Datasheet
72Kb / 1P
   Federkontaktband CSI
100403210049 ERNI-100403210049 Datasheet
72Kb / 1P
   Federkontaktband CSI
logo
Texas Instruments
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
logo
Analog Devices
MAX96714 AD-MAX96714_V01 Datasheet
2Mb / 210P
   Single GMSL2/GMSL1 to CSI-2 Deserializer
19-101134; Rev 2; 6/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com