Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC187DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LBC187DBLE
Description  MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC187DBLE Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC187DBLE Datasheet HTML 1Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 2Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 3Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 4Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 5Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 6Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 7Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 8Page - Texas Instruments SN75LBC187DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75LBC187
MULTICHANNEL EIA-232 DRIVER/RECEIVER
WITH CHARGE PUMP
SLLS130C – SEPTEMBER 1991 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH Propagation delay time low to high level output
Receiver
RL = 5 kΩ,
See Figure 1
CL = 50 pF,
1.25
µs
tPLH Propagation delay time, low- to high-level output
Driver
RL = 3 kΩ,
See Figure 2
CL = 1200 pF,
1.25
µs
tPHL Propagation delay time high to low level output
Receiver
RL = 5 kΩ,
See Figure 1
CL = 50 pF,
1.25
µs
tPHL Propagation delay time, high- to low-level output
Driver
RL = 3 kΩ,
See Figure 2
CL = 1200 pF,
1.25
µs
t
Rise time driver output
RL = 3 kΩ,
VO = – 3 V to 3 V,
CL = 50 pF,
See Note 2
200
ns
tr
Rise time, driver output
RL = 3 kΩ,
VO = – 3.3 V to 3.3 V,
CL = 2500 pF,
See Note 3
1.5
µs
tf
Fall time driver output
RL = 3 kΩ,
VO = 3 V to – 3 V
CL = 50 pF,
200
ns
tf
Fall time, driver output
RL = 3 kΩ,
CL = 2500 pF,
15
µs
L
VO = 3.3 V to – 3.3 V
L
1.5
µs
NOTES:
2. The 200 ns for the output to change from – 3 V to 3 V (or vice versa) corresponds to the 30 V/
µs maximum slew rate of EIA/TIA-232-E,
EIA/TIA-562, and ITU Recommendation V.28.
3. The more stringent requirement for transition times comes from the EIA/TIA-562, which requires the rise and fall times to be
measured from 3.3 V.


Similar Part No. - SN75LBC187DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC187DB TI-SN75LBC187DB Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
More results

Similar Description - SN75LBC187DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com