Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC241DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC241DW
Description  LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC241DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC241DW Datasheet HTML 3Page - Texas Instruments SN75LBC241DW Datasheet HTML 4Page - Texas Instruments SN75LBC241DW Datasheet HTML 5Page - Texas Instruments SN75LBC241DW Datasheet HTML 6Page - Texas Instruments SN75LBC241DW Datasheet HTML 7Page - Texas Instruments SN75LBC241DW Datasheet HTML 8Page - Texas Instruments SN75LBC241DW Datasheet HTML 9Page - Texas Instruments SN75LBC241DW Datasheet HTML 10Page - Texas Instruments SN75LBC241DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN75LBC241
LOW-POWER LinBiCMOS
 MULTIPLE DRIVERS AND RECEIVERS
SLLS137F – MAY 1992 – REVISED FEBRUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
C1
1
µF
6.3 V
C2
1
µF
16 V
C3
1
µF
6.3 V
C4
1
µF
16 V
400 k
5 k
EN
VCC
5-V to 10-V
Voltage Doubler
10-V to –10-V
Voltage Inverter
5-V Input
RS-232
Outputs
RS-232
Inputs
TTL/CMOS
Outputs
TTL/CMOS
Inputs
VDD
VSS
+
+
+
+
11
VCC
VCC
VCC
VCC
400 k
400 k
400 k
C1+
C1–
C2+
C2–
12
14
15
16
13
17
T1
T2
T3
T4
2
3
1
28
9
4
27
23
18
25
5 k
5 k
5 k
5 k
R1
R2
R3
R4
R5
GND
10
7
6
20
21
8
5
26
22
19
24
TOUT1
TOUT2
TOUT3
TOUT4
RIN1
RIN2
RIN3
RIN4
RIN5
SHUTDOWN
TIN1
TIN2
TIN3
TIN4
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
Figure 5. Typical Operating Circuit


Similar Part No. - SN75LBC241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241DW TI-SN75LBC241DW Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DW TI-SN75LBC241DW Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWE4 TI-SN75LBC241DWE4 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWR TI-SN75LBC241DWR Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWRE4 TI-SN75LBC241DWRE4 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75LBC241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com