Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH169RBNP-222MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH169RBNP-222MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH169RBNP-222MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH169RBNP-222MC Datasheet HTML 1Page - Sumida Corporation CDRH169RBNP-222MC Datasheet HTML 2Page - Sumida Corporation CDRH169RBNP-222MC Datasheet HTML 3Page - Sumida Corporation CDRH169RBNP-222MC Datasheet HTML 4Page - Sumida Corporation CDRH169RBNP-222MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH169RB
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.40
0.40
0.50
3.19(2.55)
4.7mH
±20%
472
CDRH169RBNP-472MC
0.49
0.45
0.60
2.13(1.71)
3.3mH
±20%
332
CDRH169RBNP-332MC
0.60
0.55
0.70
1.50(1.20)
2.2mH
±20%
222
CDRH169RBNP-222MC
0.72
0.65
0.85
1.05(0.84)
1.5mH
±20%
152
CDRH169RBNP-152MC
0.83
0.75
0.95
0.83(0.66)
1.2mH
±20%
122
CDRH169RBNP-122MC
0.85
0.8
1.05
0.76(0.61)
1.0mH
±20%
102
CDRH169RBNP-102MC
1.0
1.0
1.3
0.52(0.41)
680
μH±20%
681
CDRH169RBNP-681MC
1.05
1.1
1.5
0.46(0.37)
560
μH±20%
561
CDRH169RBNP-561MC
1.2
1.2
1.6
0.37(0.30)
470
μH±20%
471
CDRH169RBNP-471MC
1.4
1.4
1.8
0.27(0.22)
330
μH±20%
331
CDRH169RBNP-331MC
1.9
1.8
2.3
0.15(0.12)
220
μH±20%
221
CDRH169RBNP-221MC
2.2
2.2
2.8
121m(97m)
150
μH±20%
151
CDRH169RBNP-151MC
2.9
2.7
3.4
79.0m(63.0m)
100
μH±20%
101
CDRH169RBNP-101MC
3.4
3.3
4.2
51.0m(41.0m)
68
μH±20%
680
CDRH169RBNP-680MC
4.3
3.8
5.0
36.0m(29.0m)
47
μH±20%
470
CDRH169RBNP-470MC
5.0
4.6
6.0
28.0m(22.0m)
33
μH±20%
330
CDRH169RBNP-330MC
6.3
6.0
7.5
19.0m(15.0m)
22
μH±20%
220
CDRH169RBNP-220MC
7.5
7.0
9.0
12.5m(10.0m)
15
μH±20%
150
CDRH169RBNP-150MC
9.2
8.5
11.0
9.3m(7.4m)
10
μH±20%
100
CDRH169RBNP-100MC
(at105
℃)
(at20
℃)
Temperature
rise current
(
A)※3
Saturation current
(A)※2
D.C.R.(
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
[Within]※1
Stamp
Part No.


Similar Part No. - CDRH169RBNP-222MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH169RB SUMIDA-CDRH169RB Datasheet
185Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH169RBNP-222MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com