Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC786DWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75LBC786DWG4
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC786DWG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC786DWG4 Datasheet HTML 1Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 2Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 3Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 4Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 5Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 6Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 7Page - Texas Instruments SN75LBC786DWG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN75LBC786
QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SLLS184 – NOVEMBER 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
Open circuit or RI = 450
4
5.5
6
V
VOL
Low-level output voltage
Open circuit or RI = 450
–6
– 5.5
–4
V
IIH
High-level input current
VI = 2.4 V – 5.5 V
100
µA
IIL
Low-level input current
VI = 0 V – 0.8 V
– 100
µA
IIKG
Output leakage current
VDD = VSS = 0 V,
VO = ± 6 V
– 100
100
µA
IOS(H)
High-level short-circuit output current
VI = high,
VO = 0 V
15
45
mA
IOS(L)
Low-level short-circuit output current
VI = low,
VO = 0 V
–45
–15
mA
IDD
Supply current (loopback off)
No load,
LB at 2 V
10
12
mA
IDD
Supply current (loopback off)
RI = 450
Ω,
LB at 2 V
60
70
mA
IDD(LB)
Supply current with loopback on
No load,
LB at 0.8 V
13
16
mA
ISS
Supply current (loopback off)
No load,
LB at 2 V
–10
–12
mA
ISS
Supply current (loopback off)
RI = 450
Ω,
LB at 2 V
–60
–70
mA
IDD
Supply current with loopback on
No load,
LB at 0.8 V
–13
–16
mA
LOOPBACK MODE
Output voltage (input either high or low)
RI = > 450
Ω,
VLB = low
–6
– 5.5
–4
V
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RWS = 0 kΩ
1.5
T
iti
ti
l
t hi h l
l
t
t
RWS = 20 kΩ
1.5
2.1
2.7
µs
tTLH
Transition time, low-to-high level output
(see Figure 1)
RWS = 82 kΩ
5
8
11
µs
(see Figure 1)
RWS = 820 kΩ
80
RI = 450
Ω,
CL = 50 pF, RWS = 0 kΩ
1.5
T
iti
ti
hi h t l
l
l
t
t
VWS = 5 V
L
RWS = 20 kΩ
1.5
2.1
2.7
µs
tTHL
Transition time, high-to-low level output
(see Figure 1)
RWS = 82 kΩ
5
8
11
µs
(see Figure 1)
RWS = 820 kΩ
80
SR
Output slew rate
RWS = 20 kΩ
15
V/
µs
tsk
Output skew, |tPHL – tPLH| (see Figure 4)
RWS = 82 kΩ
1
µs


Similar Part No. - SN75LBC786DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC786DW TI-SN75LBC786DW Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
More results

Similar Description - SN75LBC786DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC786 TI-SN75LBC786 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC784 TI-SN75LBC784 Datasheet
89Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784 TI1-SN75LBC784_11 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75186 TI-SN75186 Datasheet
197Kb / 12P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75186 TI1-SN75186_14 Datasheet
243Kb / 15P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com