Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104RT125NP-101MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH104RT125NP-101MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104RT125NP-101MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH104RT125NP-101MC Datasheet HTML 1Page - Sumida Corporation CDRH104RT125NP-101MC Datasheet HTML 2Page - Sumida Corporation CDRH104RT125NP-101MC Datasheet HTML 3Page - Sumida Corporation CDRH104RT125NP-101MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH104R/T125
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:10.5×10.3 ×4.0 mm Max.
• Product weight: 1.5g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
• Qualified to AEC-Q200.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13”diameter reel
• 1000pcs per reel
Applications
• Automotive.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
3.0±0.1
1.
0.
15
7.
0.
3
3.8±0.2
10
.2
±
0.
3
10.0±0.3
13.5
Max.
Electrode
1.
6
7.
3
1.
6
3.2
(1.5
μH~10μH)
(15
μH~33μH)
(47
μH~330μH)


Similar Part No. - CDRH104RT125NP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104RT125NP-101MC SUMIDA-CDRH104RT125NP-101MC Datasheet
167Kb / 4P
   Power Inductor
CDRH104RT125NP-101MC SUMIDA-CDRH104RT125NP-101MC Datasheet
284Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH104RT125NP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com