Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS82DGGG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LVDS82DGGG4
Description  FlatLink RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS82DGGG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75LVDS82DGGG4 Datasheet HTML 1Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 2Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 3Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 4Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 5Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 6Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 7Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 8Page - Texas Instruments SN75LVDS82DGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
|V
ID
|
2
|V
ID
|
2
SN75LVDS82
SLLS259I
– NOVEMBER 1996 – REVISED APRIL 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
VO
Output voltage range (Dxx terminals)
–0.5 V to VCC + 0.5 V
Any terminal except SHTDN
–0.5 V to VCC + 0.5 V
VI
Input voltage range
SHTDN
–0.5 V to 5.5 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating temperature range
0
°C to 70°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND, unless otherwise noted.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGG
1377 mW
11.0 mW/
°C
822 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air
flow.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage (SHTDN)
2
V
VIL
Low-level input voltage (SHTDN)
0.8
V
|VID|
Differential input voltage
0.1
0.6
V
2.4 -
VIC
Common-mode input voltage (see Figure 2 and Figure 3)
V
VCC – 0.8
TA
Operating free-air temperature
0
70
°C
TIMING REQUIREMENTS
MIN
MAX
UNIT
tc
Cycle time, input clock(1)
14.7
32.3
ns
tsu1
Setup time, input (see Figure 7)
600
ps
th1
Hold time, input (see Figure 7)
600
ps
(1)
Parameter tc is defined as the mean duration of a minimum of 32000 clock cycles.
4
Copyright
© 1996–2011, Texas Instruments Incorporated


Similar Part No. - SN75LVDS82DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS82DGG TI-SN75LVDS82DGG Datasheet
201Kb / 15P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
More results

Similar Description - SN75LVDS82DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS84 TI1-SN75LVDS84_08 Datasheet
474Kb / 17P
[Old version datasheet]   FLATLINK TRANSMITTERS
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com