Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104RT125NP-470MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH104RT125NP-470MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104RT125NP-470MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH104RT125NP-470MC Datasheet HTML 1Page - Sumida Corporation CDRH104RT125NP-470MC Datasheet HTML 2Page - Sumida Corporation CDRH104RT125NP-470MC Datasheet HTML 3Page - Sumida Corporation CDRH104RT125NP-470MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH104R/T125
0
10
20
30
40
50
60
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0 0.8 1.6 2.4 3.2 4.0 4.8
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 1.5 3.0 4.5 6.0 7.5 9.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
3
6
9
12 15 18
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH104RT125NP-1R5PC
△T (℃)
L (
μH)
DC (A)
2. CDRH104RT125NP-2R2PC
△T (℃)
L (
μH)
3. CDRH104RT125NP-3R6PC
△T (℃)
L (
μH)
DC (A)
L (
μH)
DC (A)
5. CDRH104RT125NP-6R8PC
△T (℃)
L (
μH)
6. CDRH104RT125NP-100MC
△T (℃)
DC (A)
7. CDRH104RT125NP-150MC
△T (℃)
L (
μH)
8. CDRH104RT125NP-220MC
△T (℃)
L (
μH)
DC (A)
9. CDRH104RT125NP-330MC
△T (℃)
L (
μH)
DC (A)
4. CDRH104RT125NP-4R7PC
△T (℃)
DC (A)
DC (A)
DC (A)
L (
μH)
L (20
℃)
△T
L (125
℃)
11. CDRH104RT125NP-680MC
△T (℃)
L (
μH )
DC (A)
12. CDRH104RT125NP-101MC
△T (℃)
L (
μH)
DC (A)
10. CDRH104RT125NP-470MC
△T (℃)
L (
μH )
DC (A)


Similar Part No. - CDRH104RT125NP-470MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104RT125NP-470MC SUMIDA-CDRH104RT125NP-470MC Datasheet
167Kb / 4P
   Power Inductor
CDRH104RT125NP-470MC SUMIDA-CDRH104RT125NP-470MC Datasheet
284Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH104RT125NP-470MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com