Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH40D18RHF-6R8NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH40D18RHF-6R8NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH40D18RHF-6R8NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH40D18RHF-6R8NC Datasheet HTML 1Page - Sumida Corporation CDRH40D18RHF-6R8NC Datasheet HTML 2Page - Sumida Corporation CDRH40D18RHF-6R8NC Datasheet HTML 3Page - Sumida Corporation CDRH40D18RHF-6R8NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 27-Mar-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH40D18R
Electrical Characteristics
※1 Inductance measuring condition at 100kHz .
※2 Saturation current: The value of DC current when the inductance decreases to 70% of its nominal.
※3 Temperature rise current: The value of DC current when the temperature rise is △T=40℃(Ta=20℃).
0.55
0.40
0.45
671(559)
33
±20%
U
CDRH40D18RHF-330MC
0.62
0.43
0.50
588(490)
27
±20%
T
CDRH40D18RHF-270MC
0.73
0.50
0.60
443(369)
22
±20%
S
CDRH40D18RHF-220MC
0.90
0.60
0.70
306(255)
15
±20%
Q
CDRH40D18RHF-150MC
1.25
0.70
0.85
185(154)
10
±20%
N
CDRH40D18RHF-100MC
1.35
0.85
1.00
144(120)
6.8
±30%
L
CDRH40D18RHF-6R8NC
1.70
1.00
1.25
99.5(79.6)
4.7
±30%
J
CDRH40D18RHF-4R7NC
2.00
1.25
1.45
79.5(63.6)
3.3
±30%
G
CDRH40D18RHF-3R3NC
2.40
1.50
1.80
55.4(44.3)
2.2
±30%
E
CDRH40D18RHF-2R2NC
2.60
1.80
2.10
48.4(38.7)
1.8
±30%
D
CDRH40D18RHF-1R8NC
(at 105
℃)
(at 20
℃)
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
[
μH] ※1
[Within ]
Stamp
Part name


Similar Part No. - CDRH40D18RHF-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH40D18R SUMIDA-CDRH40D18R Datasheet
231Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH40D18RHF-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com