Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104RT125NP-3R6PC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH104RT125NP-3R6PC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104RT125NP-3R6PC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH104RT125NP-3R6PC Datasheet HTML 1Page - Sumida Corporation CDRH104RT125NP-3R6PC Datasheet HTML 2Page - Sumida Corporation CDRH104RT125NP-3R6PC Datasheet HTML 3Page - Sumida Corporation CDRH104RT125NP-3R6PC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH104R/T125
Electrical Characteristics
※ 1 Measuring condition: at 100kHz.
※ 2 ( ) are typical value.
※ 3 Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※ 4 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.56
0.58
0.70
1.06(850m)
330
±20%
331
CDRH104RT125NP-331MC
0.68
0.72
0.85
694m(555m)
220
±20%
221
CDRH104RT125NP-221MC
0.86
0.85
1.00
448m(358m)
150
±20%
151
CDRH104RT125NP-151MC
1.05
1.10
1.30
300m(240m)
100
±20%
101
CDRH104RT125NP-101MC
1.25
1.32
1.57
216m(173m)
68
±20%
680
CDRH104RT125NP-680MC
1.68
1.51
1.80
136m(109m)
47
±20%
470
CDRH104RT125NP-470MC
2.05
1.80
2.14
93.8m(75.0m)
33
±20%
330
CDRH104RT125NP-330MC
2.30
2.18
2.56
70.0m(56.0m)
22
±20%
220
CDRH104RT125NP-220MC
2.90
2.80
3.34
48.1m(38.5m)
15
±20%
150
CDRH104RT125NP-150MC
3.50
3.46
4.10
36.8m(29.5m)
10
±20%
100
CDRH104RT125NP-100MC
4.40
3.94
4.66
25.6m(20.5m)
6.8
±25%
6R8
CDRH104RT125NP-6R8PC
5.20
4.60
5.57
19.1m(15.3m)
4.7
±25%
4R7
CDRH104RT125NP-4R7PC
6.20
5.00
6.07
14.0m(11.2m)
3.6
±25%
3R6
CDRH104RT125NP-3R6PC
7.10
6.16
8.00
11.0m(8.8m)
2.2
±25%
2R2
CDRH104RT125NP-2R2PC
7.80
7.36
9.20
9.0m(7.2m)
1.5
±25%
1R5
CDRH104RT125NP-1R5PC
(at 125
℃)
(Typ.)
(at 20
℃)
Temperature
rise current
(
A) ※4
Saturation current (A)
※3
Rated current (A)
D.C.R.
(
Ω) [Max.]
(at 20
℃)
※2
Inductance
(
μH)
[Within]
※1
Stamp
Part No.


Similar Part No. - CDRH104RT125NP-3R6PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104RT125NP-3R6PC SUMIDA-CDRH104RT125NP-3R6PC Datasheet
167Kb / 4P
   Power Inductor
CDRH104RT125NP-3R6PC SUMIDA-CDRH104RT125NP-3R6PC Datasheet
284Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH104RT125NP-3R6PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com