Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ95176BFK Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ95176BFK
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ95176BFK Datasheet(HTML) 5 Page - Texas Instruments

  SNJ95176BFK Datasheet HTML 1Page - Texas Instruments SNJ95176BFK Datasheet HTML 2Page - Texas Instruments SNJ95176BFK Datasheet HTML 3Page - Texas Instruments SNJ95176BFK Datasheet HTML 4Page - Texas Instruments SNJ95176BFK Datasheet HTML 5Page - Texas Instruments SNJ95176BFK Datasheet HTML 6Page - Texas Instruments SNJ95176BFK Datasheet HTML 7Page - Texas Instruments SNJ95176BFK Datasheet HTML 8Page - Texas Instruments SNJ95176BFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN95176B
DIFFERENTIAL BUS TRANSCEIVER
SGLS026A − MARCH 1989 − REVISED JUNE 1995
2−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SYMBOL EQUIVALENTS
DATA SHEET PARAMETER
RS-422-A
RS-485
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
|VOD3|
None
Vt (Test Termination
|VOD3|
None
Vt (Test Termination
Measurement 2)
∆|VOD|
| |Vt| − |Vt||
| |Vt − |Vt||
VOC
|Vos|
|Vos|
∆|VOC|
|Vos − Vos|
|Vos − Vos|
IOS
|Isa|, |Isb|
None
IO
|Ixa|, |Ixb|
Iia, Iib
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold voltage
VO = 2.7 V,
IO = − 0.4 mA
0.2
V
VIT −
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
− 0.2‡
V
Vhys
Input hysteresis voltage (VIT + − VIT −)
50
mV
VIK
Enable clamp voltage
II = − 18 mA
− 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 400 µA,
2.7
V
VOH
High-level output voltage
VID = 200 mV,
See Figure 2
IOH = − 400 µA,
2.7
V
VOL
Low-level output voltage
VID = − 200 mV,
IOL = 8 mA,
0.45
V
VOL
Low-level output voltage
VID = − 200 mV,
See Figure 2
IOL = 8 mA,
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input = 0 V,
VI = 12 V
1
mA
II
Line input current
Other input = 0 V,
See Note 5
VI = − 7 V
− 0.8
mA
IIH
High-level enable input current
VIH = 2.7 V
20
µA
IIL
Low-level enable input current
VIL = 0.4 V
− 100
µA
ri
Input resistance
VI = 12 V
12
k
IOS
Short-circuit output current
−15
−85
mA
ICC
Supply current (total package)
No load
Outputs enabled
42
70
mA
ICC
Supply current (total package)
No load
Outputs disabled
26
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 5: This applies for both power on and power off. Refer to EIA Standard RS-485 for exact conditions.


Similar Part No. - SNJ95176BFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ5400J TI-SNJ5400J Datasheet
195Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SNJ5400J TI-SNJ5400J Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SNJ5400J TI-SNJ5400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SNJ5400J TI1-SNJ5400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SNJ5400J TI1-SNJ5400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SNJ95176BFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com