Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH3D28NP-150NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH3D28NP-150NC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D28NP-150NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH3D28NP-150NC Datasheet HTML 1Page - Sumida Corporation CDRH3D28NP-150NC Datasheet HTML 2Page - Sumida Corporation CDRH3D28NP-150NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH3D28
MAX.3.0
1.1
±
0.2
φ
2.
8
4.
0.
2
(2.8)
3.
0.
2
※3.8±0.2
ELECTRODE
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:4.0×4.0×3.0 mm Max.
• Product weight:130m g (Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 7.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in Mobilephone,PDA,MP3,
DSC/DVC, Portable DVD, etc as DC-DC
converter inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(3.3
μH~15.0μH)
(22.0
μH~47.0μH)
5.2
1.
5
1.4
2.4
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.56
0.36
0.48
599(479)
47
±30%
H
CDRH3D28NP-470NC
0.63
0.44
0.58
481(385)
33
±30%
G
CDRH3D28NP-330NC
0.74
0.55
0.76
335(268)
22
±30%
F
CDRH3D28NP-220NC
1.02
0.64
0.90
213(170)
15
±30%
E
CDRH3D28NP-150NC
1.18
0.80
1.05
145(116)
10
±30%
D
CDRH3D28NP-100NC
1.32
0.94
1.24
119(95.0)
6.8
±30%
C
CDRH3D28NP-6R8NC
1.62
1.28
1.65
88.3(70.6)
4.7
±30%
B
CDRH3D28NP-4R7NC
1.85
1.48
2.00
72.1(57.7)
3.3
±30%
A
CDRH3D28NP-3R3NC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[within]※1
Stamp
Part Name
1
2
2
1


Similar Part No. - CDRH3D28NP-150NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D28NP-150N SUMIDA-CDRH3D28NP-150N Datasheet
146Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH3D28NP-150NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com