Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4194IPAG Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4194IPAG
Description  4-Channel, Asynchronous Sample Rate Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4194IPAG Datasheet(HTML) 1 Page - Texas Instruments

  SRC4194IPAG Datasheet HTML 1Page - Texas Instruments SRC4194IPAG Datasheet HTML 2Page - Texas Instruments SRC4194IPAG Datasheet HTML 3Page - Texas Instruments SRC4194IPAG Datasheet HTML 4Page - Texas Instruments SRC4194IPAG Datasheet HTML 5Page - Texas Instruments SRC4194IPAG Datasheet HTML 6Page - Texas Instruments SRC4194IPAG Datasheet HTML 7Page - Texas Instruments SRC4194IPAG Datasheet HTML 8Page - Texas Instruments SRC4194IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
FEATURES
D AUTOMATIC SENSING OF INPUT-TO-OUTPUT
SAMPLING RATIO
D WIDE INPUT-TO-OUTPUT SAMPLING RANGE:
16:1 to 1:16
D SUPPORTS INPUT AND OUTPUT SAMPLING
RATES UP TO 212kHz
D DYNAMIC RANGE: 144dB (−60dbFS Input,
BW = 20Hz to fs/2)
D THD+N: −140dB (0dbFS Input, BW = 20Hz to f
s/2)
D HIGH-PERFORMANCE, LINEAR-PHASE DIGITAL
FILTERING WITH BETTER THAN 140dB OF
STOP BAND ATTENUATION
D FLEXIBLE AUDIO SERIAL PORTS:
− Master or Slave Mode Operation
− Supports I2S, Left-Justified, Right-Justified,
and TDM Data Formats
− TDM Mode Allows Daisy-Chaining of Up to
Four Devices
D SUPPORTS 24-, 20-, 18-, or 16-BIT INPUT AND
OUTPUT DATA:
− All Output Data is Dithered from the Internal
28-Bit Data Path
D SERIAL PERIPHERAL INTERFACE (SPI) PORT
SUPPORTS REGISTER READ AND WRITE
OPERATIONS IN SOFTWARE MODE
D BYPASS MODE:
− Routes Input Port Data Directly to the Output
Port
D FOUR GROUP DELAY OPTIONS FOR THE
INTERPOLATION FILTER
D DIRECT DOWNSAMPLING OPTION FOR THE
DECIMATION FILTER
D DIGITAL DE-EMPHASIS FILTER:
− User-Selectable for 32kHz, 44.1kHz, and
48kHz Sampling Rates
D SOFT MUTE FUNCTION
D PROGRAMMABLE DIGITAL OUTPUT
ATTENUATION (SOFTWARE MODE ONLY):
− 256 Steps: 0dB to −127.5dB with 0.5dB Steps
D INPUT-TO-OUTPUT SAMPLING RATIO
READBACK (SOFTWARE MODE ONLY)
D POWER-DOWN MODES
D SUPPORTS OPERATION FROM A SINGLE +1.8V
OR +3.3V POWER SUPPLY
D AVAILABLE IN A TQFP-64 PACKAGE
APPLICATIONS
D DIGITAL MIXING CONSOLES
D DIGITAL AUDIO WORKSTATIONS
D AUDIO DISTRIBUTION SYSTEMS
D BROADCAST STUDIO EQUIPMENT
D GENERAL DIGITAL AUDIO PROCESSING
DESCRIPTION
The SRC4194 is a four-channel, asynchronous sample
rate converter (ASRC), designed for professional and
broadcast audio applications. The SRC4194 combines a
wide input-to-output sampling ratio with outstanding
dynamic range and ultra low distortion. The input and
output serial ports support the most common audio data
formats, as well as a time division multiplexed (TDM)
format. This allows the SRC4194 to interface to a wide
range of audio data converters, digital audio receivers and
transmitters, and digital signal processors.
The SRC4194 may be operated in Hardware mode as a
standalone pin-programmed device, with dedicated
control pins for serial port mode, audio data format, soft
mute, bypass, and digital filtering functions. Alternatively,
the SRC4194 may be operated in Software mode, where
a four-wire serial peripheral interface (SPI) port provides
access to internal control and status registers.
The SRC4194 operates from either a +1.8V core supply or
a +3.3V core supply. When operating from +3.3V, the
+1.8V required by the core logic is derived from an internal
voltage regulator. The SRC4194 also requires a digital I/O
supply, which operates from +1.65V to +3.6V. The
SRC4194 is available in a TQFP-64 package.
U.S. Patent No. 7,262,716.
SRC4194
SBFS025B − JUNE 2004 − REVISED SEPTEMBER 2007
4-Channel, Asynchronous Sample Rate Converter
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - SRC4194IPAG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4194IPAG BURR-BROWN-SRC4194IPAG Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
SRC4194IPAGR BURR-BROWN-SRC4194IPAGR Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
SRC4194IPAGT BURR-BROWN-SRC4194IPAGT Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results

Similar Description - SRC4194IPAG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4184 TI1-SRC4184_08 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com