Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C3C0AFNA Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370C3C0AFNA
Description  8-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C3C0AFNA Datasheet(HTML) 1 Page - Texas Instruments

  TMS370C3C0AFNA Datasheet HTML 1Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 2Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 3Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 4Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 5Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 6Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 7Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 8Page - Texas Instruments TMS370C3C0AFNA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on
a Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low Volume Production
– Reprogrammable EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 4K Bytes
– EPROM: 8K Bytes
– Static RAM: 128 Bytes
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options
– Divide-by-4 (0.5 to 5 MHz SYSCLK)
– Divide-by-1 (2 to 5 MHz SYSCLK) PLL
– Supply Voltage (VCC) 5 V ±10%
D Four-Channel 8-Bit Analog-to-Digital
Converter 2 (ADC2)
D 16-Bit General-Purpose Timer
– Software Configurable as
a 16-Bit Event Counter, or
a 16-Bit Pulse Accumulator, or
a 16-Bit Input Capture Function, or
Two Compare Registers, or
a Self-Contained
Pulse-Width-Modulation (PWM) Function
D On-Chip 24-Bit Watchdog Timer
– EPROM / OTP Devices: Standard
Watchdog
– Mask-ROM Devices: Hard Watchdog,
Simple Counter, or Standard Watchdog
D Flexible Interrupt Handling
D Workstation/Personal Computer-Based
Development System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Extensive Breakpoint / Trace Capability
– Software Performance Analysis
– Multi-Window User Interface
– Microcontroller Programmer
D Serial Communications Interface 2 (SCI2)
– Asynchronous Mode: 156 Kbps
Maximum at 5 MHz SYSCLK
– Full Duplex, Double-Buffered Receiver
(RX) and Transmitter (TX)
D TMS370 Series Compatibility
– Register-to-Register Architecture
– 256 General-Purpose Registers
– 14 Powerful Addressing Modes
– Instructions Upwardly Compatible With
All TMS370 Devices
D CMOS/TTL Compatible I/O Pins/Packages
– All Peripheral Function Pins Software
Configurable for Digital I/O
– 17 Bidirectional Pins, 5 Input Pins
– 28-Pin Plastic and Ceramic Dual-In-Line,
or Leaded Chip Carrier Packages
5
6
7
8
9
10
11
3 2128 27
12 13
25
24
23
22
21
20
19
AN3
AN2
AN1
AN0
SCITXD
SCIRXD
MC
XTAL2 / CLKIN
XTAL1
A6
A5
A4
A3
A2
426
14 15 16 1718
FZ AND FN PACKAGES
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
D3 / SYSCLK
D6
A7
XTAL2 / CLKIN
XTAL1
A6
A5
A4
A3
A2
D7
A1
A0
VSS
RESET
D4
AN3
AN2
AN1
AN0
SCITXD
SCIRXD
MC
T1IC / CR
T1PWM
T1EVT
INT1
JD AND N PACKAGES
( TOP VIEW )
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS370C3C0AFNA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C3C0A TI-TMS370C3C0A Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C3C0AYYZ TI-TMS370C3C0AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C3C0AFNA

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com