Electronic Components Datasheet Search |
|
TMS570LS20216 Datasheet(PDF) 2 Page - Texas Instruments |
|
TMS570LS20216 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 106 page TMS570LS20216, TMS570LS20206, TMS570LS10216 TMS570LS10206, TMS570LS10116, TMS570LS10106 SPNS141F – AUGUST 2010 – REVISED JULY 2011 www.ti.com 1.2 Description The TMS570LS series is a high performance automotive grade microcontroller family which has been certified for use in IEC 61508 SIL3 safety systems. The safety architecture includes Dual CPUs in lockstep, CPU and Memory Built-In Self Test (BIST) logic, ECC on both the Flash and the data SRAM, parity on peripheral memories, and loop back capability on peripheral IOs. The TMS570LS family integrates the ARM ® Cortex™-R4F Floating Point CPU which offers an efficient 1.6 DMIPS/MHz, and has configurations which can run up to 160 MHz providing more than 250 DMIPS. The TMS570LS series also provides different Flash (1MB or 2MB) and data SRAM (128KB or 160KB) options with single bit error correction and double bit error detection. The TMS570LS devices feature peripherals for real-time control-based applications, including up to 32 nHET timer channels and two 12-bit A to D converters supporting up to 24 inputs. There are multiple communication interfaces including a 2-channel FlexRay, 3 CAN controllers supporting 64 mailboxes each, and 2 LIN/UART controllers. With integrated SIL3 certified safety features and a wide choice of communication and control peripherals, the TMS570LS series is an ideal solution for high performance real time control applications with safety critical requirements. The devices included in the TMS570LS series and described in this document are: • TMS570LS20216 • TMS570LS20206 • TMS570LS10216 • TMS570LS10206 • TMS570LS10116 • TMS570LS10106 The TMS570LS series microcontrollers contain the following: • Dual TMS570 16/32-Bit RISC (ARM Cortex ™-R4F) in Lockstep • Up to 2M-Byte Program Flash with ECC • Up to 160K-Byte Static RAM (SRAM) with ECC • Real-Time Interrupt (RTI) Operating System Timer • Vectored Interrupt Module (VIM) • Cyclic Redundancy Checker (CRC) with Parallel Signature Analysis (PSA) • Direct Memory Access (DMA) Controller • Frequency-Modulated Phase-Locked Loop (FMzPLL)-Based Clock Module With Prescaler • Three Multi-buffered Serial Peripheral Interfaces (MibSPI) • Two UARTs (SCI) with Local Interconnect Network Interfaces (LIN) • Three CAN Controllers (DCAN) • High-End Timer (NHET) with dedicated Transfer Unit (HTU) • Available FlexRay Controller with dedicated PLL and Transfer Unit (FTU) • External Clock Prescale (ECP) Module • Two 16-Channel 12-Bit Multi-Buffered ADCs (MibADC) - 8 shared channels between the two ADCs • Address Bus Parity with Failure Detection • Error Signaling Module (ESM) with external error pin • Voltage Monitor (VMON) with out of range reset assertion • Embedded Trace Module (ETMR4) • Data Modification Module (DMM) • RAM Trace Port (RTP) • Parameter Overlay Module (POM) 2 TMS570LS Series 16/32-BIT RISC Flash Microcontroller Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116 TMS570LS10106 Not Recommended For New Designs |
Similar Part No. - TMS570LS20216_15 |
|
Similar Description - TMS570LS20216_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |