Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR6D23MNNP-120NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR6D23MNNP-120NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR6D23MNNP-120NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR6D23MNNP-120NC Datasheet HTML 1Page - Sumida Corporation CDR6D23MNNP-120NC Datasheet HTML 2Page - Sumida Corporation CDR6D23MNNP-120NC Datasheet HTML 3Page - Sumida Corporation CDR6D23MNNP-120NC Datasheet HTML 4Page - Sumida Corporation CDR6D23MNNP-120NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR6D23MN
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.41
0.44
0.55
903.8(723)
100
μH±25%
101
CDR6D23MNNP-101NC
0.43
0.47
0.60
803.8(643)
82
μH±25%
820
CDR6D23MNNP-820NC
0.45
0.53
0.65
751.3(601)
68
μH±25%
680
CDR6D23MNNP-680NC
0.51
0.58
0.75
481.2(385)
56
μH±25%
560
CDR6D23MNNP-560NC
0.54
0.60
0.80
456.3(365)
47
μH±25%
470
CDR6D23MNNP-470NC
0.58
0.70
0.90
393.8(315)
39
μH±25%
390
CDR6D23MNNP-390NC
0.70
0.75
0.95
275.0(220)
33
μH±25%
330
CDR6D23MNNP-330NC
0.75
0.85
1.05
255.0(204)
27
μH±25%
270
CDR6D23MNNP-270NC
0.80
0.95
1.20
187.5(150)
22
μH±25%
220
CDR6D23MNNP-220NC
1.00
1.05
1.30
158.8(127)
18
μH±25%
180
CDR6D23MNNP-180NC
1.10
1.15
1.40
133.8(107)
15
μH±25%
150
CDR6D23MNNP-150NC
1.25
1.25
1.55
117.5(94)
12
μH±25%
120
CDR6D23MNNP-120NC
1.30
1.40
1.75
103.8(83)
10
μH±25%
100
CDR6D23MNNP-100NC
1.50
1.50
1.95
80.0(64)
8.3
μH±25%
8R3
CDR6D23MNNP-8R3NC
1.70
1.60
2.10
72.5(58)
7.2
μH±25%
7R2
CDR6D23MNNP-7R2NC
1.80
1.75
2.30
66.3(53)
6.1
μH±25%
6R1
CDR6D23MNNP-6R1NC
1.90
1.95
2.45
60.0(48)
5.1
μH±25%
5R1
CDR6D23MNNP-5R1NC
2.05
2.10
2.60
52.5(42)
4.2
μH±25%
4R2
CDR6D23MNNP-4R2NC
2.25
2.30
2.95
46.3(37)
3.3
μH±25%
3R3
CDR6D23MNNP-3R3NC
2.38
2.60
3.30
40.0(32)
2.7
μH±25%
2R7
CDR6D23MNNP-2R7NC
2.60
3.05
3.85
36.3(29)
2.0
μH±25%
2R0
CDR6D23MNNP-2R0NC
3.30
3.55
4.40
28.0(22)
1.5
μH±25%
1R5
CDR6D23MNNP-1R5NC
3.90
4.00
5.15
25.0(20)
1.0
μH±25%
1R0
CDR6D23MNNP-1R0NC
4.60
4.95
6.55
20.0(16)
0.6
μH±25%
0R6
CDR6D23MNNP-0R6NC
(at 105
℃)
(at 20
℃)
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[Within]※1
Stamp
Part Name


Similar Part No. - CDR6D23MNNP-120NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR6D23MNNP-120N SUMIDA-CDR6D23MNNP-120N Datasheet
164Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDR6D23MNNP-120NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com