Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH70D48NP-221K Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH70D48NP-221K
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH70D48NP-221K Datasheet(HTML) 1 Page - Sumida Corporation

  CDH70D48NP-221K Datasheet HTML 1Page - Sumida Corporation CDH70D48NP-221K Datasheet HTML 2Page - Sumida Corporation CDH70D48NP-221K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH70D48
Description
• Ferrite drum core construction
• Magnetically unshielded
• L
×W×H: 7.98×7.15 ×5.0 mm Max.
• Product weight: 0.8g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13” diameter reel
• 1000pcs per reel
Applications
• Ideally used in input filter of LED lighting.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
※1. Measuring condition :at 100kHz
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
Electrical Characteristics
5.8
7.0±0.15
Max.5.0
5.
6
1.5
7.
0.
58
7.
0
7.2
1.3 2.95
105
95
120
20.4(17.0)
4700
±10%
472
CDH70D48NP-472K
130
110
145
13.6(11.3)
3300
±10%
332
CDH70D48NP-332K
165
140
175
8.63(7.19)
2200
±10%
222
CDH70D48NP-222K
200
170
210
6.02(5.02)
1500
±10%
152
CDH70D48NP-152K
260
210
250
3.56(2.97)
1000
±10%
102
CDH70D48NP-102K
330
260
310
2.30(1.92)
680
±10%
681
CDH70D48NP-681K
400
310
370
1.63(1.36)
470
±10%
471
CDH70D48NP-471K
500
390
470
1.18(0.94)
330
±10%
331
CDH70D48NP-331K
580
450
550
0.83(0.66)
220
±10%
221
CDH70D48NP-221K
740
580
700
0.54(0.43)
150
±10%
151
CDH70D48NP-151K
910
710
860
0.38(0.30)
100
±10%
101
CDH70D48NP-101K
at 105
at 20
Temperature
rise current
(mA)
※3
Saturation current
(mA)
※2
D.C.R. (
Ω)
[Max.](typ.)
(at 20
℃)
Inductance
(
μH)
[Within]※1
Stamp
Part No.


Similar Part No. - CDH70D48NP-221K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH70D48NP-221K SUMIDA-CDH70D48NP-221K Datasheet
228Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDH70D48NP-221K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com